Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 80 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 80 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 80 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
0
2 5
5 0
75
10
7.6.4. Sensitivity Stability over Temperature and Voltage
Sensitivity Stability
1.5
1.0
0.5
0.0
2.10
2.40
2.70
3.00
3.30
3.60
-0.5
85°
C
25°
C
0°
C
-40°
C
-1.0
-1.5
-2.0
-2.5
VDD [V]
Note:
Figure 67: Sensitivity Stability
•
The sensitivity performance is very stable over the VDD range, and the effect of high temperature is minimal.
7.6.5. Sensitivity vs. Bit Rate
8.0
Sensitivity Change over BR
6.0
4.0
2.0
0.0
0
-2.0
-4.0
-6.0
-8.0
Bit Rate [kb/s]
Figure 68: FSK Sensitivity vs. BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com