Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 36 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 36 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 36 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Table 15: Config vs. Data SPI Interface Selection
NSS_DATA
NSS_CONFIG
SPI Interface
0
0
Config
0
1
Data
1
0
Config
1
1
None
The following paragraphs describe how to use each of these interfaces.
5.2.1.2. SPI Config
•
Write Register
To write a value into a configuration register the timing diagram below should be carefully followed by the uC.
The register
‟s new value is effective from the rising edge of NSS_CONFIG.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NSS_CONFIG (In)
SCK (In)
New value at
address A1
MOSI (In)
start
rw
A(4) A(3) A(2) A(1)
Address = A1
A(0) stop
D(7) D(6) D(5) D(4) D(3) D(2) D(1) D(0)
Current value at
address A1*
MISO (Out)
HZ
x
x
(input)
x
x
x
x
x
x
D(7) D(6) D(5) D(4) D(3) D(2) D(1)
D(0)
HZ
(input)
* when writing the new value at address A1, the current content of A1 can be read by the uC.
(In)/(Out) refers to RF63 side
Figure 27: Write Register Sequence
Note that when writing more than one register successively, it is not compulsory to toggle NSS_CONFIG back high
between two write sequences. The bytes are alternatively considered as address and value. In this instance, all
new values will become effective on rising edge of NSS_CONFIG.
•
Read Register
To read the value of a configuration register the timing diagram below should be carefully followed by the uC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com