Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 84 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 84 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 80Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 81Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 84 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
.1
2 .4
2.7
3 .0
3.3
3
Pout & IDD vs. TXParam_Pout Setting
12.0
10.0
8.0
6.0
4.0
2.0
30.0
28.0
26.0
24.0
22.0
0.0
-2.0
-4.0
-6.0
-8.0
-10.0
-12.0
0
1
2
3
4
5
6
7
TXParam_Pout [d]
20.0
18.0
16.0
14.0
12.0
10.0
Pout
IDD
Note:
Figure 75: Pout and IDD at all PA Settings, 915 MHz
•
+10dBm typ. Output power is achievable, even at SAW filter
‟s output.
7.6.9. Pout Stability over Temperature and Voltage
Pout Stability
1.0
0.5
0.0
2
.6
-0.5
85°
C
25°
C
-40°
C
0°
C
-1.0
-1.5
-2.0
VDD [V]
Figure 76: Pout Stability
The output power is not sensitive to the supply voltage, and it decreases slightly when temperature rises.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com