Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 14 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 14 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 10Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 11Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 12Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 13Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 14Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 15Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 16Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 17Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 14 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
÷75.(P +1)+S
i
i
LO
PFD
XO
÷(Ri+1)
Vtune
Fcomp
XT_M
XT_P
LF_M
LF_P
VCO_P
3.2.3. PLL Architecture
The crystal oscillator (XO) forms the reference oscillator of an Integer-N Phase Locked Loop (PLL), whose
operation is discussed in the following section. Figure 5 shows a block schematic of the RF63 PLL. Here the
crystal reference frequency and the software controlled dividers R, P and S determine the output frequency of the
PLL.
VCO_M
VR_VCO
Figure 5: Frequency Synthesizer Description
The VCO tank inductors are connected on an external differential input. Similarly, the loop filter is also located
externally. However, there is an internal 8pF capacitance at VCO input that should be subtracted from the desired
loop filter capacitance.
The output signal of the VCO is used as the input to the local oscillator (LO) generator stage, illustrated in Figure 6.
The VCO frequency is subdivided and used in a series of up (down) conversions for transmission (reception).
÷8
LO
VCO Output
÷8
90°
90°
90°
LO1 Rx
I
LO2 Rx
Q
I
LO1 Tx
Q
I
LO2 Tx
Q
Receiver
LOs
Transmitter
LOs
Figure 6: LO Generator
3.2.4. PLL Tradeoffs
With an integer-N PLL architecture, the following criterion must be met to ensure correct operation:
•
The comparison frequency, Fcomp, of the Phase Frequency Detector (PFD) input must remain higher than six
times the PLL bandwidth (PLLBW) to guarantee loop stability and to reject harmonics of the comparison
frequency Fcomp. This is expressed in the inequality:
PLLBW ≤
Fcomp
6
•
However the PLLBW has to be sufficiently high to allow adequate PLL lock times
•
Because the divider ration R determines Fcomp, it should be set close to 119, leading to Fcomp
≈100 kHz
which will ensure suitable PLL stability and speed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com