Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 74 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 74 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 74 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
The layers description is illustrated in Figure 57:
Signal (35um)
Isolation (FR4, 1.6mm)
Ground plane
Figure 57: Reference Design
‘s Stackup
19mm
9mm
Figure 58: Reference Design Layout (top view)
7.5.3. Bill Of Material
Table 35: Reference Design BOM
Ref
Value
868MHz
915MHz
Tol (+/-)
Techno
Size
Comment
U1
RF63
-
Transceiver IC
TQFN-32
-
U2
869 MHz
915 MHz
-
SAW Filter
3.8*3.8 mm
Plotted in section 7.5.4
Q1
12.8 MHz
15 ppm at 25°
C
20 ppm over -40/+85°
C
2ppm/year max
AT-cut
5.0*3.2 mm
Fundamental, Cload=15 pF
R1
1
Ω
1%
-
0402
PA regulator
R2
6.8 k
Ω
1%
-
0402
Loop filter
C1
1uF
15%
X5R
0402
VDD decoupling
C2
1uF
15%
X5R
0402
Top regulator decoupling
C3
220 nF
10%
X7R
0402
Digital regulator decoupling
C4
47 nF
10%
X7R
0402
PA regulator decoupling
C5
100 nF
10%
X7R
0402
VCO regulator decoupling
C6
10 nF
10%
X7R
0402
Loop Filter
C7
680 pF
5%
NPO
0402
Loop Filter
C8
1.8 pF
0.25 pF
NPO
0402
Matching
C9
22 pF
5%
NPO
0402
DC block and L4 adjust
L1, L2
8.2 nH
6.8 nH
0.2 nH
Wire wound
0402
VCO tank inductors
L3
100 nH
5%
Wire wound
0402
PA Choke
L4
8.2 nH
5%
Multilayer
0402
Matching
C10, C11
NC
-
-
0402
-
C12*
47pF
5%
NPO
0402
DC block
*Not part of the ref. design (not required for direct antenna connection).
Note: for battery powered applications, a high value capacitance should be implemented in parallel with C1
(typically 10 µF) to offer a low impedance voltage source during startup sequences.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com