Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 60 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 60 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 60 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
6.3. Interrupt Configuration Parameters - IRQParam
The detailed description of the IRQParam register is given in Table 28.
Table 28: IRQParam Register Description
Name
Bits
Address
(d)
RW
Description
Rx_stby_irq_0
7-6
13
r/w
IRQ_0 source in Rx and Standby modes:
If Data_mode(1:0) = 00 (Continuous mode):
00
- Sync (d)
01
- RSSI
10
- Sync
11
- Sync
If Data_mode(1:0) = 01 (Buffered mode):
00
- - (d)
01
- Write_byte
10
- /Fifoempty*
11
- Sync
If Data_mode(1:0) = 1x (Packet mode):
00
- Payload_ready (d)
01
- Write_byte
10
- /Fifoempty*
11
- Sync or Adrs_match (the latter if address filtering is enabled)
*also available in Standby mode (Cf sections 5.4.4 and 5.5.7)
Rx_stby_irq_1
5-4
13
r/w
IRQ_1 source in Rx and Standby modes:
If Data_mode(1:0) = 00 (Continuous mode):
xx
- DCLK
If Data_mode(1:0) = 01 (Buffered mode):
00
- - (d)
01
- Fifofull*
10
- RSSI
11
- Fifo_threshold*
If Data_mode(1:0) = 1x (Packet mode):
00
- CRC_ok (d)
01
- Fifofull*
10
- RSSI
11
- Fifo_threshold*
*also available in Standby mode (Cf sections 5.4.4 and 5.5.7)
Tx_irq_1
3
13
r/w
IRQ_1 source in Tx mode:
If Data_mode(1:0) = 00 (Continuous mode):
x
- DCLK
If Data_mode(1:0) = 01 (Buffered mode) or 1x (Packet mode):
0
- Fifofull (d)
1
- Tx_done
Fifofull
2
13
r
Fifofull IRQ source
Goes high when FIFO is full.
/Fifoempty
1
13
r
/Fifoempty IRQ source
Goes low when FIFO is empty
Fifo_overrun_clr
0
13
r/w/
c
Goes high when an overrun error occurred. Writing a 1 clears flag and FIFO
Fifo_fill_method
7
14
r/w
FIFO filling method (Buffered mode only):



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com