Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 32 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 32 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 28Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 29Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 30Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 31Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 32Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 33Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 34Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 35Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 32 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
For proper operation, the Bit Synchronizer must first receive three bytes of alternating logic value preamble, i.e.
“0101” sequences. After this startup phase, the rising edge of DCLK signal is centered on the demodulated bit.
Subsequent data transitions will preserve this centering.
This has two implications:
•
Firstly, if the Bit Rates of Transmitter and Receiver are known to be the same, the RF63 will be able to
receive an infinite unbalanced sequence (all
“0s” or all ”1s”) with no restriction.
•
If there is a difference in Bit Rate between Tx and Rx, the amount of adjacent bits at the same level that the
BitSync can withstand can be estimated as:
This implies approximately 6 consecutive unbalanced bytes when the Bit Rate precision is 1%, which is easily
achievable (crystal tolerance is in the range of 50 to 100 ppm).
3.4.12. Alternative Settings
Bit Synchronizer and Active channel filter settings are a function of the reference oscillator crystal frequency, FXTAL.
Settings other than those programmable with a 12.8 MHz crystal can be obtained by selection of the correct
reference oscillator frequency. Please contact your local HopeRF representative for further details.
3.4.13. Data Output
After OOK or FSK demodulation, the baseband signal is made available to the user on pin 20, DATA, when
Continuous mode is selected.
In Buffered and Packet modes, the data is retrieved from the FIFO through the SPI interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com