Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 53 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 53 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 52Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 53Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 54Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 55Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 56Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 53 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Please note that the received length byte, as part of the payload, is not stripped off the packet and is made
available in the FIFO.
To disable this function the user should set the value of the PKTParam_Payload_length to the value of the FIFO
size selected.
5.5.5.4. CRC Based
The CRC check is enabled by setting bit PKTParam_CRC_on. It is used for checking the integrity of the message.
•
On Tx side a two byte CRC checksum is calculated on the payload part of the packet and appended to the end
of the message.
•
On Rx side the checksum is calculated on the received payload and compared with the two checksum bytes
received. The result of the comparison is stored in the PKTParam_CRC_status bit and CRC_OK IRQ source.
By default, if the CRC check fails then the FIFO is automatically cleared and no interrupt is generated. This filtering
function can be disabled via PKTParam_CRC_autoclr bit and in this case, even if CRC fails, the FIFO is not
cleared and only Payload_ready interrupt goes high. Please note that in both cases, the two CRC checksum bytes
are stripped off by the packet handler and only the payload is made available in the FIFO.
The CRC is based on the CCITT polynomial as shown in Figure 45. This implementation also detects errors due to
leading and trailing zeros.
data input
CRC Polynomial =X16 + X12 + X5 + 1
X15
X14
X13
X12
X11
* * *
X5
X4
* * *
X0
Figure 45: CRC Implementation
5.5.6. DC-Free Data Mechanisms
The payload to be transmitted may contain long sequences of 1
‟s and 0‟s, which introduces a DC bias in the
transmitted signal. The radio signal thus produced has a non uniform power distribution over the occupied channel
bandwidth. It also introduces data dependencies in the normal operation of the demodulator. Thus it is useful if the
transmitted data is random and DC free.
For such purposes, two techniques are made available in the packet handler: Manchester encoding and data
whitening. Please note that only one of the two methods should be enabled at a time.
5.5.6.1. Manchester Encoding
Manchester encoding/decoding is enabled by setting bit PKTParam_Manchester_on and can only be used in
Packet mode.
The NRZ data is converted to Manchester code by coding
„1‟ as “10” and „0‟ as “01”.
In this case, the maximum chip rate is the maximum bit rate given in the specifications section and the actual bit
rate is half the chip rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com