Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 40 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 40 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 36Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 37Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 38Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 39Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 40Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 41Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 42Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 40 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.2.3. Sync Word Recognition
5.2.3.1. Overview
Sync word recognition (also called Pattern recognition in previous products) is activated by setting
RXParam_Sync_on. The bit synchronizer must also be activated.
The block behaves like a shift register; it continuously compares the incoming data with its internally programmed
Sync word and asserts the Sync IRQ source on each occasion that a match is detected. This is illustrated in Figure
33.
Rx DATA
(NRZ)
Bit N-x =
Bit N-1 =
Bit N =
Sync_value[x]
Sync_value[1] Sync_value[0]
DCLK
SYNC
Figure 33: Sync Word Recognition
During the comparison of the demodulated data, the first bit received is compared with bit 7 (MSB) of byte at
address 22 and the last bit received is compared with bit 0 (LSB) of the last byte whose address is determined by
the length of the Sync word.
When the programmed Sync word is detected the user can assume that this incoming packet is for the node and
can be processed accordingly.
5.2.3.2. Configuration
•
Size: Sync word size can be set to 8, 16, 24 or 32 bits via RXParam_Sync_size. In Packet mode this field is
also used for Sync word generation in Tx mode.
•
Error tolerance: The number of errors tolerated in the Sync word recognition can be set to 0, 1, 2 or 3 via
RXParam_Sync_tol.
•
Value: The Sync word value is configured in SYNCParam_Sync_value. In Packet mode this field is also used
for Sync word generation in Tx mode.
5.2.4. Packet Handler
The packet handler is the block used in Packet mode. Its functionality is fully described in section 5.5.
5.2.5. Control
The control block configures and controls the full chip
‟s behavior according to the settings programmed in the
configuration registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com