Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 47 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 47 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 47 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
5.4.5. uC Connections
RF63
IRQ_0
IRQ_1
NSS_CONFIG
uC
NSS_DATA
SCK
MOSI
MISO
Figure 41: uC Connections in Buffered Mode
Note that depending upon the application, some uC connections may not be needed:
•
IRQ_0: if none of the relevant IRQ sources are used. In this case, leave floating.
•
IRQ_1: if none of the relevant IRQ sources are used. In this case, leave floating.
•
MISO: if no read register access is needed and the chip is used in Tx mode only. In this case, pull up to VDD
through a 100 k
Ω resistor.
In addition, DATA pin (unused in buffered mode) should be pulled-up to VDD through a 100 k
Ω resistor.
Please refer to Table 13 for the RF63
‟s pin configuration.
5.4.6. Buffered Mode Example
•
Configure all data processing related registers listed below appropriately. In this example we assume Sync
word recognition is on and Fifo_fill_method=0.
Tx
Rx
Description
MCParam
Data_mode_x
X
X
Defines data operation mode (-Buffered)
Fifo_size
X
X
Defines FIFO size
Fifo_thresh
X
X
Defines FIFO threshold
IRQParam
Rx_stby_irq_0
X
Defines IRQ_0 source in Rx & Stby modes
Rx_stby_irq_1
X
Defines IRQ_1 source in Rx & Stby modes
Tx_irq_1
X
Defines IRQ_1 source in Tx mode
Fifo_fill_method
X
Defines FIFO filling method
Fifo_fill
X
Controls FIFO filling status
Tx_start_irq_0
X
Defines Tx start condition and IRQ_0 source
RXParam
Sync_size
X
Defines Sync word size
Sync_tol
X
Defines the error tolerance on Sync word detection
SYNCParam
Sync_value
X
Defines Sync word value
Table 22: Relevant Configuration Registers in Buffered Mode (data processing related only)
Tx Mode:
•
Program Tx start condition and IRQs: Start Tx when FIFO is not empty (Tx_start_irq_0=1) and IRQ_1 mapped
to Tx_done (Tx_irq_1=1)
•
Go to Tx mode (and wait for Tx to be ready, see Figure 50)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com