Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 86 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 86 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 82Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 83Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 84Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 85Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 86Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 87Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 88Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 89Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 90Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 86 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.6.11. OOK Channel Bandwidth
The OOK bit rate ranges form 1.56 to 16.7 kbps. It is interesting to note that, for the lowest bit rates, a channel
spacing approaching 200 kHz is achievable:
Figure 79: OOK Spectrum - 2kbps
Figure 80: OOK Spectrum - 8kbps
Notes:
Figure 81: OOK Spectrum - 16.7kbps
•
The test conditions are: Fdev=100 kHz, TXParam_InterpFilt = 200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com