Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 22 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 22 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 18Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 19Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 20Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 21Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 22Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 23Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 24Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 25Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 26Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 22 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
Reg_PA
Rx_on
PA
LNA
3.3.7.3. Suggested PA Biasing and Matching
The recommended PA bias and matching circuit is illustrated below:
VR_PA
47nF
100nH
PA
RFIO
SAW
DC block
Antenna
port
Low-pass and DC block
Figure 12: Recommended PA Biasing and Output Matching
Please refer to section 7.5.3 of this document for the optimized matching arrangement for each frequency band.
3.3.8. Common Input and Output Front-End
The receiver and the transmitter share the same RFIO pin (pin 32). Figure 13 below shows the configuration of the
common RF front-end.
•
In transmit mode, the PA and the PA regulator are active, with the voltage on the VR_PA pin equal to the
nominal voltage of the regulator (1.8 V). The external inductance is used to bias the PA.
•
In receive mode, both PA and PA regulator are off and VR_PA is tied to ground. The external inductance LT1
is then used to bias the LNA.
VR_PA
To
Antenna
RFIO
Figure 13: Front-end Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com