Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 75 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 75 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 79Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 75 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
7.5.4. SAW Filter Plot
The following screenshot shows the plot of the SAW filter used on the reference design:
0
-10
-20
-30
-40
-50
-60
-70
-80
400
600
800
1000
1200
1400
1600
1800
2000
Frequency [MHz]
Figure 59: 915 MHz SAW Filter Plot
0
-10
-20
-30
-40
-50
-60
-70
-80
400
600
800
1000
1200
1400
1600
1800
2000
Frequency [MHz]
Figure 60: 869 MHz SAW Filter Plot



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com