Electronic Components Datasheet Search
  English  ▼

X  

RF63W Datasheet(PDF) 61 Page - HOPE Microelectronics CO., Ltd.

Part # RF63W
Description  Ultra-Low Power Integrated UHF Transceiver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RF63W Datasheet(HTML) 61 Page - HOPE Microelectronics CO., Ltd.

Back Button RF63W Datasheet HTML 57Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 58Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 59Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 60Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 61Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 62Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 63Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 64Page - HOPE Microelectronics CO., Ltd. RF63W Datasheet HTML 65Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 91 page
background image
ADVANCED COMMUNICATIONS & SENSING
Page 61 of 91
RF63
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
0
- Automatically starts when a sync word is detected (d)
1
- Manually controlled by Fifo_fill
Fifo_fill
6
14
r/w/
c
FIFO filling status/control (Buffered mode only):
•
If Fifo_fill_method =
„0‟: (d)
Goes high when FIFO is being filled (sync word has been detected)
Writing
„1‟ clears the bit and waits for a new sync word (if Fifo_overrun_clr=0)
•
If Fifo_fill_method =
„1‟:
0
- Stop filling the FIFO
1
- Start filling the FIFO
Tx_done
5
14
r
Tx_done IRQ source
Goes high when the last bit has left the shift register.
Tx_start_irq_0
4
14
r/w
Tx start condition and IRQ_0 source:
•
If Data_mode(1:0) = 01 (Buffered mode):
0
- Tx starts if FIFO is full, IRQ_0 mapped to /Fifoempty (d)
1
- Tx starts if FIFO is not empty, IRQ_0 mapped to /Fifoempty
•
If Data_mode(1:0) = 1x (Packet mode):
0
- Start transmission when the number of bytes in FIFO is greater than or
equal to the threshold set by MCParam_Fifo_thresh parameter (Cf section
5.2.2.3), IRQ_0 mapped to Fifo_threshold (d)
1
- Tx starts if FIFO is not empty, IRQ_0 mapped to /Fifoempty
Res
3
14
r/w
(d):
“0”, should be set to “1”.
Note:
“0” disables the RSSI IRQ source. It can be left enabled at any time, and
the user can choose to map this interrupt to IRQ0/IRQ1 or not.
RSSI_irq
2
14
r/w/
c
RSSI IRQ source:
Goes high when a signal above RSSI_irq_thresh is detected
Writing
„1‟ clears the bit
PLL_locked
1
14
r/w/
c
PLL status:
0
- not locked
1
- locked
Writing a
„1‟ clears the bit
PLL_lock_en
0
14
r/w
PLL_lock detect flag mapped to pin 23:
0
- Lock detect disabled, pin 23 is High-Z
1
- Lock detect enabled(d)
RSSI_irq_thresh
7-0
15
RSSI threshold for interrupt (coded as RSSI)
(d):
“00000000”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com