Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 35 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 35 Page - Analog Devices

Back Button AD9175 Datasheet HTML 31Page - Analog Devices AD9175 Datasheet HTML 32Page - Analog Devices AD9175 Datasheet HTML 33Page - Analog Devices AD9175 Datasheet HTML 34Page - Analog Devices AD9175 Datasheet HTML 35Page - Analog Devices AD9175 Datasheet HTML 36Page - Analog Devices AD9175 Datasheet HTML 37Page - Analog Devices AD9175 Datasheet HTML 38Page - Analog Devices AD9175 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 35 of 150
PHYSICAL LAYER
The physical layer of the JESD204B interface, hereafter referred
to as the deserializer, has eight identical channels. Each channel
consists of the termination, an equalizer, a clock and data recovery
(CDR) circuit, and the 1:40 demux function (see Figure 55).
EQUALIZER
CDR
1:40
DESERIALIZER
FROM SERDES PLL
SPI
CONTROL
TERMINATION
SERDINx±
Figure 55. Deserializer Block Diagram
JESD204B data is input to the AD9175 via the SERDINx±
differential input pins, per the JESD204B specification.
Interface Power-Up and Input Termination
Before using the JESD204B interface, it must be powered up by
setting Register 0x200, Bit 0 = 0. In addition, each physical lane
(PHY) that is not being used (SERDINx±) must be powered
down. To do so, set the corresponding Bit x for Physical Lane x
in Register 0x201 to 0 if the physical lane is being used, and to 1
if it is not being used.
The AD9175 autocalibrates the input termination to 100 Ω at
dc. This calibration routine is performed automatically when
the JESD204B interface blocks are configured and does not
require any additional SPI register writes.
Receiver Eye Mask
The AD9175 is compatible with the JESD204B specification
regarding the receiver eye mask and is capable of capturing data
that complies with the mask in Figure 56. Figure 56 shows the
receiver eye normalized to the data rate interval. The AD9175
also supports an increased insertion loss limit, as defined in the
Equalization section.
525
55
0
–55
–525
0
1.00
0.35
0.5
0.65
TIME (UI)
RECEIVER EYE MASK
Figure 56. Receiver Eye Mask
Clock Relationships
The following clocks rates are used throughout the rest of the
JESD204B section. The relationship between any of the clocks
can be derived from the following equations:
Data Rate = DAC Rate/Total Interpolation
Lane Rate = (M/L) × NP × (10/8) × Data Rate
Byte Rate = Lane Rate/10
This relationship comes from 8-bit/10-bit encoding, where each
byte is represented by 10 bits.
PCLK Rate = Byte Rate/4 = Lane Rate/40
The processing clock is used for a quad-byte decoder.
Frame Rate = Byte Rate/F
where F is defined as octets per frame per lane.
PCLK Factor = Frame Rate/PCLK Rate = 4/F
where:
M is the JESD204B parameter for converters per link, which is
the effective number of converters as seen by the JESD204B
interface (not necessarily equal to the number of DAC cores).
L is the JESD204B parameter for lanes per link.
F is the JESD204B parameter for octets per frame per lane.
NP is the JESD204B parameter for the total number of bits
per sample.
SERDES PLL
Functional Overview of the SERDES PLL
The independent SERDES PLL uses integer N techniques to
achieve clock synthesis. The entire SERDES PLL is integrated
on chip, including the VCO and the loop filter. The SERDES
PLL is capable of providing quadrature clocks to allow a wide
range of data rates (3 Gbps to 15.4 Gbps) with no gaps. These
clocks are the input to the CDR block that is described in the
Clock and Data Recovery section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com