Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9175 Datasheet HTML 24Page - Analog Devices AD9175 Datasheet HTML 25Page - Analog Devices AD9175 Datasheet HTML 26Page - Analog Devices AD9175 Datasheet HTML 27Page - Analog Devices AD9175 Datasheet HTML 28Page - Analog Devices AD9175 Datasheet HTML 29Page - Analog Devices AD9175 Datasheet HTML 30Page - Analog Devices AD9175 Datasheet HTML 31Page - Analog Devices AD9175 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 28 of 150
Table 13. JESD204B Supported Operating Modes and Interpolation Combinations
Application
JESD204B Operation Modes
Channel Datapath
Main DAC Datapath
Maximum
Instantaneous
Bandwidth
(MHz)1
Link
Modes
JESD204B
Modes
Lanes
per
Link
Channels
per DAC
Maximum
Channel Data
Rate (MSPS)2
Channel
Inter-
polation
Main Datapath
Interpolation
Maximum
DAC Rate
(GSPS)3
Channelizer Modes (All
Complex)
375 MHz
(N = 16 Bits)
Single-Channel
Single,
dual
0
1
1
385
2×
8×
6.16
308
0
1
1
385
4×, 6×
6×, 8×
12.6
308
Dual-Channel
Single,
dual
1
2
2
385
4×, 6×
6×, 8×
12.6
616
Triple-Channel
Single,
dual
2
3
3
385
4×, 6×
6×, 8×
12.6
924
500 MHz
(N = 12 Bits)
Single-Channel
Single,
dual
5
1
1
513
2×
6×
6.16
410.4
5
1
1
513
3×
6×, 8×
12.6
410.4
Dual-Channel
Single,
dual
6
2
2
513
3×
6×, 8×
12.6
750 MHz
(N = 16 Bits)
Single-Channel
Single,
dual
3
2
1
770
1×
8×
6.16
616
3
2
1
770
2×, 3×
6×, 8×
12.6
616
Dual-Channel
Single,
dual
4
4
2
770
2×, 3×
6×, 8×
12.6
616
4
4
2
385
4×
8×
12.6
308
187 MHz
(N = 16 Bits)
Dual-Channel
Single,
dual
7
1
2
192.5
8×
6×, 8×
12.6
154
Wideband Modes
(Complex or Real)
3000 MHz
(N = 11 Bits)
Complex
Single
15, 16
8
1
3080
1×
2×, 4×
12.6
2464
Real, Dual-DAC
Single
15, 16
8
1
3080
1×
1×
3.08
1540
1230 MHz
(N = 16 Bits)
Complex, Dual-
DAC
Single,
dual
8, 9
4
24
1230
1×
8×, 12×
12.6
19684
1230 MHz
(N = 11 Bits)
Complex, Dual-
DAC
Single,
dual
13, 14
4
24
1230
1×
2×, 4×
6.16
19684
2000 MHz
(N = 11 Bits, NP =
12 Bits)
Complex, Dual-
DAC
Single,
dual
23
4
24
2050
1×
4×, 6×
12.6
32804
34,000 MHz
(N = 11 Bits, NP =
12 Bits)
Real, Single-DAC
Single
17
8
1
3400
1×
1×
3.4
1700
1
For complex modes, instantaneous bandwidth (IBW) is the bandwidth that both I and Q occupy (referred to as the combined I/Q bandwidth). The bandwidth for
complex modes is in part limited by the bandwidth of the interpolation filters. When the interpolation filters are bypassed to configure the AD9175 in real only mode,
IBW = ½ × data rate.
2
The maximum data rate is calculated based on a maximum lane rate as listed in Table 7. The data rate is calculated based on the formula lane rate = (10/8) × NP × data rate ×
(M/L), where the NP, M, and L values depend on the selected mode.
3
The maximum DAC rate per mode depends on the voltage tolerance as well as the lane rate for a given configuration, as listed in Table 3. The maximum possible lane
rate is according to Table 7.
4
With a correct modulator switch configuration, the AD9175 can be configured to operate as a wideband, dual-channel DAC, with each channel to include its own main
datapath NCO. In this case, the modulator switch is configured to act as a summing node that feeds complex data from two datapaths to a single DAC core.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com