Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 66 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 66 Page - Analog Devices

Back Button AD9175 Datasheet HTML 62Page - Analog Devices AD9175 Datasheet HTML 63Page - Analog Devices AD9175 Datasheet HTML 64Page - Analog Devices AD9175 Datasheet HTML 65Page - Analog Devices AD9175 Datasheet HTML 66Page - Analog Devices AD9175 Datasheet HTML 67Page - Analog Devices AD9175 Datasheet HTML 68Page - Analog Devices AD9175 Datasheet HTML 69Page - Analog Devices AD9175 Datasheet HTML 70Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 66 of 150
CLOCK OUTPUT DRIVER
The AD9175 is capable of generating a high quality, divided
down version of the DACCLK, which can be used to clock critical
system components, such as a companion ADC. The integer
clock divider supports divide ratios of 1, 2, 3, and 4 and can be
programmed by Register 0x799, Bits[7:6] to set the desired
output frequency. The 3 dB bandwidth of the clock driver is
between 727.5 MHz and 3 GHz, although frequencies outside
this range can be generated with some penalty to both power
and spurious performance at the clock output.
The clock driver does not have an impact on the performance
of the DACx analog outputs.
ANALOG OUTPUTS
The AD9175 provides two fully independent DAC cores, DAC0
and DAC1, each with a differential output. Figure 93 shows an
equivalent output circuit for a single DAC core. Each output is
internally terminated with a 100 Ω resistor (RINT) that eliminates
the need to resistively terminate the DAC output externally on
the PCB. To properly dc bias the output stage, two RF chokes,
one for each output branch, are required to provide a dc current
path for the standing current of each DACx output. The
inductance value of the choke depends on the desired output
frequency range. In general, a larger choke provides a lower
cutoff output frequency.
Due to parasitic capacitances and inductances at the output, a
constant 100 Ω termination impedance cannot be easily
maintained across the full operating frequency range of the
AD9175, which can be anywhere between dc and >6 GHz,
depending on the application. The output impedance of each
DAC can be determined through measurement. Generally,
when matching the DAC output to a typical single-ended 50 Ω
load, a 2:1 balun is recommended when operating below ~2 GHz.
A 1:1 balun is recommended when operating above ~2 GHz,
which also extends the 3 dB roll-off of the output beyond 4 GHz
with proper PCB layout techniques.
DAC Full-Scale Power
IOUTFS is the full-scale current output at the positive and negative
branch of the DACx output, denoted as IP and IN in Figure 93 to
Figure 95. The default full-scale current is set to 19.531 mA,
although it can be adjusted from 15.625 mA to 25.977 mA by
programming the appropriate value in Register 0x05A.
IOUTFS = 15.625 mA + FSC_CTRL × (25/256) (mA)
As shown in Figure 93 to Figure 95, the amount of power delivered
to an external load depends on multiple factors, such as the IOUTFS
setting, the internal impedance of the DAC, and the external
loading and parasitic inductances and capacitances that the PCB
and other components present at the output. The true power that
can be delivered to a load is determined by measurements.
Alternatively, the DAC output power can be estimated from the
DAC equivalent model, by making certain assumptions about
the parasitic loading presented by a particular PCB design. The
DAC output can be modeled as a pair of dc current sources that
continuously provide dc, set to IOUTFS/2, summed with a parallel
ac source set by the incoming data samples, namely DACCODE,
that are sampled to the analog output at the rate of DACCLK.
Together, the three current sources model the output switch
network internal to each analog output, which define the
instantaneous current out of the positive and negative branches
of each differential output (IP and IN, respectively).
Assuming that parasitic capacitances and inductances are
negligible (which may not always be the case, especially at
output frequencies above ~2 GHz), the output current
presented to the load can be calculated as follows:
IP = (DACCODE + 2N − 1) × ILSB
IN = ((2N − 1 – 1) – DACCODE) × ILSB
and,
ILOAD = (IP – IN) × RINT/(RINT + RLOAD)
where,
ILSB = IOUTFS/2N
DACCODE is a sample value between −2N− 1 and 2N– 1 − 1 (as a
signed decimal representation of twos complement data).
For a single-tone output (pure sinewave), the rms power
delivered to the load can be calculated as follows:
ILOAD(RMS) = ILOAD_MAX/√2
where ILOAD_MAX is the maximum load current delivered at the
maximum DACCODE, as calculated previously, and,
PLOAD (W) = (ILOAD(RMS))2 × RLOAD
PLOAD (dBm) = 10 × log(PLOAD(W))
MSB Shuffle
Depending on the analog signal level, some or all of the MSB
current sources from the DAC may be static (unused). Particularly
at lower signal levels, when most MSBs are static, any mismatch
errors specific to the few MSBs that are dynamic may appear as
a degradation to spurious performance at the analog outputs.
On average, spurious performance is improved when the active
MSBs are continuously remapped ( or shuffled) and randomly
selected from the total number of available MSBs before sampling
at the DACx analog outputs. MSB shuffle is a form of error
averaging. Because the cumulative errors are pseudorandom,
the improved SFDR comes at the expense of higher NSD.
Shuffling is only feasible when there are spare MSBs available
that are otherwise static, so that they can be randomly switched
in. Therefore, the benefit from shuffling is diminished as the
number of dynamic MSBs is increased, such as for signals that
experience frequent peaks near the full-scale current of the
DAC. With a sinusoidal output at full-scale, for example, the
benefit from MSB shuffling is largely nonexistent when
compared to performance with traditional (thermometer)
encoding.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com