Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 53 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 53 Page - Analog Devices

Back Button AD9175 Datasheet HTML 49Page - Analog Devices AD9175 Datasheet HTML 50Page - Analog Devices AD9175 Datasheet HTML 51Page - Analog Devices AD9175 Datasheet HTML 52Page - Analog Devices AD9175 Datasheet HTML 53Page - Analog Devices AD9175 Datasheet HTML 54Page - Analog Devices AD9175 Datasheet HTML 55Page - Analog Devices AD9175 Datasheet HTML 56Page - Analog Devices AD9175 Datasheet HTML 57Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 53 of 150
Channel Interpolation
The channel interpolation options available are bypass (1×), 2×,
3×, 4×, 6×, and 8×. Each of the half-band filters used for
interpolation has up to 80% bandwidths with 85 dB of stop
band rejection. The channel half-band cascaded configuration
is shown in Figure 75, with each of the useable bandwidths of
the channel interpolation filters listed in Table 37.
HB2
2×
HB0
2×
HB1
2×
HB0
3×
Figure 75. Channel Interpolation Half-Band Filter Block Diagram
Table 37. Channel Interpolation Useable Bandwidths and
Rejection
Half-Band
Filter
Bandwidth
(×fIN_FILTER)1 (%)
Stop Band Rejection (dB)
HB0, TB0
80
85
HB1
40
85
HB2
27
85
1
fIN_FILTER is the frequency at the input of the half-band filter.
Channel Digital Modulation
Each channelizer includes a 48-bit dual-modulus NCO to allow
I/Q modulation of each channel data to an independent carrier
frequency, each with its own phase offset control. The 48-bit
NCO can be configured into either integer or modulus (DDS)
mode. In modulus mode, the A/B ratio added to the integer FTW
of the NCO allows the frequency to be synthesized with near
infinite precision. See the 48-Bit Integer/Modulus NCO section
for more details. NCO mode is selected as shown in Table 38.
These controls are paged per the channel page masks in the
CHANNEL_PAGE bits (Register 0x008, Bits[5:0]).
Table 38. Channel Modulation Mode Selection
Modulation Mode
Modulation Type
Register 0x130,
Bit 6
Register 0x130,
Bit 2
None
0b0
0b0
48-Bit Integer NCO
0b1
0b0
48-Bit Dual Modulus NCO
0b1
0b1
The channel NCO blocks also contain sideband selection
controls as well as options for how the FTW and phase offset
controls are updated. The phase offset word control can be
calculated as follows:
−180° ≤ Degrees Offset ≤ +180°
Degrees Offset = 180° × (DDSC_NCO_PHASE_OFFSET/215)
where DDSC_NCO_PHASE_OFFSET is a 16-bit twos complement
value programmed in the registers listed in Table 39.
Table 39. Channel NCO Phase Offset Registers
Address
Value
Description
0x138
DDSC_NCO_PHASE_OFFSET[7:0]
8 LSBs of phase offset
0x139
DDSC_NCO_PHASE_OFFSET[15:8]
8 MSBs of phase offset
48-Bit Integer/Modulus NCO
The 48-bit integer/modulus NCO combines an NCO block, a
phase shifter, and a complex modulator to modulate the signal
onto a user defined carrier frequency, as shown in Figure 76. This
configuration allows output signals to be shifted anywhere
across the output spectrum up to ±fNCO/2 with very fine
frequency resolution.
The NCO produces a quadrature carrier to translate the input
signal to a new center frequency. A quadrature carrier is a pair
of sinusoidal waveforms of the same frequency, offset 90° from
each other. The frequency of the quadrature carrier is set using
the FTW. The quadrature carrier is mixed with the I and Q data
and then summed into the I and Q datapaths, as shown in
Figure 76.
Each of the channel 48-bit NCOs can be configured to run in
integer mode (that is, when only the FTW value defines the
NCO output frequency). The value of the FTW in part depends
on the clock speed at which the NCO block is running (fNCO,CLK).
For any channel NCO, the clock rate is equal to the rate of the
summing node (maximum of 1.575 GSPS) and can be
calculated by using the following formulas:
fNCO,CLK = fDATA × Channel Interpolation
or
fNCO,CLK = fDAC/Main Interpolation = fSUMMING_NODE
The FTWs for each individual NCO can be programmed
separately and are calculated by using the following formula:
− fNCO,CLK/2 ≤ fCARRIER < + fNCO,CLK/2
DDSC_FTW = (fCARRIER/fNCO,CLK) × 248
where:
DDSC_FTW is a 48-bit, twos complement number.
fCARRIER is the output frequency of the NCO.
fNCO,CLK is the sampling clock frequency of the NCO.
The frequency tuning word is set as shown in Table 40.
Table 40. Channel NCO FTW Registers
Address
Value
Description
0x132
DDSC_FTW[7:0]
8 LSBs of FTW
0x133
DDSC_FTW[15:8]
Next eight bits of FTW
0x134
DDSC_FTW[23:16]
Next eight bits of FTW
0x135
DDSC_FTW[31:24]
Next eight bits of FTW
0x136
DDSC_FTW[39:32]
Next eight bits of FTW
0x137
DDSC_FTW[47:40]
8 MSBs of FTW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com