Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 67 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 67 Page - Analog Devices

Back Button AD9175 Datasheet HTML 63Page - Analog Devices AD9175 Datasheet HTML 64Page - Analog Devices AD9175 Datasheet HTML 65Page - Analog Devices AD9175 Datasheet HTML 66Page - Analog Devices AD9175 Datasheet HTML 67Page - Analog Devices AD9175 Datasheet HTML 68Page - Analog Devices AD9175 Datasheet HTML 69Page - Analog Devices AD9175 Datasheet HTML 70Page - Analog Devices AD9175 Datasheet HTML 71Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 67 of 150
As previously mentioned, MSB shuffling is a form of error
averaging. A particular AD9175 device, with its own auto-
calibration factors and unique production process variations,
may show improved spurious performance at some signal levels
with MSB shuffle disabled. However, when a statically meaningful
set of devices is considered, the overall spurious performance is
shown to improve, on average.
MSB shuffle can be enabled via the MSB_SHUFFLE_EN bit (Bit 4
of Register 0x151).
DC-Coupled Operation
In certain applications, it is desirable to dc couple the analog
outputs to an external device, such as a modulator or a
differential amplifier. The AD9175 analog outputs can be
dc-coupled without performance degradation, as long as the
common-mode voltage (the dc voltage common to both the
positive and negative branches of a particular analog output) is
kept below 100 mV. For ac-coupled operation, the outputs are
typically dc shorted to GND or 0 V through RF chokes or
particular balun configurations.
Elevating the common-mode voltage to between 100 mV and
300 mV leads to performance degradation. Increasing the
common-mode voltage beyond 300 mV may lead to long-
term, irreversible damage of the analog outputs.
Ideally, the common-mode voltage at the analog outputs is kept
near 0 V or GND, while the load impedance seen by the analog
outputs is matched to their internal impedance. Replacing the
RF chokes used in ac-coupled operation with 50 Ω resistors to
GND is not recommended because this results in an excessive
common-mode voltage, near 250 mV. Instead, tie the 50 Ω resistors
to a −0.6 V reference supply, thus maintaining proper dc bias at the
analog output devices internal to each DAC output.
It is possible to resistively match the 0 V common-mode output
voltage of the AD9175 to a nonzero common-mode input voltage
of a downstream device, such as the 0.5 V input common mode
typical to some modulators. This matching inevitably leads to a
loss in the maximum power that can be delivered to the down-
stream device, because some of the power is dissipated in the
resistive matching network.
2:1
OR
1:1
50Ω
LOAD
50Ω
50Ω
DC IOUTFS/2
DC IOUTFS/2
AC IOUTFS/2
DAC
BALUN
RF
CHOKE
RF
CHOKE
DACx+
DACx–
IAC
IOUTFS = 15.625mA TO 25.977mA
IN
IP
Figure 93. Equivalent DAC Output Circuit and Recommended DAC Output Network
2:1
OR
1:1
50Ω
LOAD
50Ω
50Ω
DC IOUTFS/2
DC IOUTFS/2
AC IOUTFS/2
DAC
BALUN
RF
CHOKE
RF
CHOKE
DACx+
DC PATH
DC PATH
DACx–
IAC
IOUTFS = 15.625mA TO 25.977mA
IN
IP
Figure 94. DACx Output, DC Path (AC-Coupled Operation)
50Ω
LOAD
2:1
OR
1:1
50Ω
50Ω
DC IOUTFS/2
DC IOUTFS/2
AC IOUTFS/2
DAC
BALUN
RF
CHOKE
RF
CHOKE
DACx+
AC ILOAD
AC ILOAD
DACx–
AC PATH
AC PATH
IOUTFS = 15.625mA TO 25.977mA
IN
IP
Figure 95. DACx Output, AC Path (AC-Coupled Operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com