Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 77 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 77 Page - Analog Devices

Back Button AD9175 Datasheet HTML 73Page - Analog Devices AD9175 Datasheet HTML 74Page - Analog Devices AD9175 Datasheet HTML 75Page - Analog Devices AD9175 Datasheet HTML 76Page - Analog Devices AD9175 Datasheet HTML 77Page - Analog Devices AD9175 Datasheet HTML 78Page - Analog Devices AD9175 Datasheet HTML 79Page - Analog Devices AD9175 Datasheet HTML 80Page - Analog Devices AD9175 Datasheet HTML 81Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 150 page
background image
Data Sheet
AD9175
Rev. A | Page 77 of 150
Crossbar mapping writes the SERDINx input pin that is the source for each given logical lane in these registers. A value of x corresponds
to mapping data from the SERDINx± pin to the logical lane of the control bit field. The values in Table 58 vary with different PCB layout
routing.
Table 58. Transport Layer Setup, Synchronization, and Enable Links
R/W
Register
Bits
Value
Description
W
0x308
[7:0]
Crossbar setup. Program the physical lane value that is providing data (the source) for each of the
logical lanes. [5:3] = Logical Lane 1 source, [2:0] = Logical Lane 0 source.
W
0x309
[7:0]
[5:3] = Logical Lane 3 source, [2:0] = Logical Lane 2 source.
W
0x30A
[7:0]
[5:3] = Logical Lane 5 source, [2:0] = Logical Lane 4 source.
W
0x30B
[7:0]
[5:3] = Logical Lane 7 source, [2:0] = Logical Lane 6 source.
W
0x306
[7:0]
0x0C
If operating in Subclass 0, this register write is not needed.
W
0x307
[7:0]
0x0C
If operating in Subclass 0, this register write is not needed.
W
0x304
[7:0]
If operating in Subclass 0, this register write is not needed. For Subclass 1, these values must be
determined by following one of the deterministic latency methods (with or without known
delays), as mentioned in the Link Delay section.
W
0x305
[7:0]
If operating in Subclass 0, this register write is not needed. For Subclass 1, these values must be
determined by following one of the deterministic latency methods (with or without known
delays), as mentioned in the Link Delay section.
W
0x03B
[7:0]
0xF1
Enable the sync logic, and set the rotation mode to reset the synchronization logic upon a sync
reset trigger.
W
0x03A
[7:0]
0x02
Set up sync for one-shot sync mode.
SYSREF±
If operating in Subclass 1, send SYSREF± pulse edges to the device for synchronization alignment.
W
0x300
3
LINK_MODE
Corresponds to the mode selection made in Register 0x110.
0b0 = single-link mode.
0b1 = dual-link mode.
2
0b0
Select Link 0 for setup. This bit selects which link QBD is being paged.
0b0 = Link 0 (QBD0).
0b1 = Link 1 (QBD1).
[1:0]
LINK_EN
Enables the links.
0b01 = single-link mode
0b11 = dual-link mode.
Table 59. Cleanup Registers
R/W
Register
Bits
Value
Description
W
0x085
[7:0]
0x13
Set to the default register value.
W
0x1DE
[7:0]
0x00
Disable analog SPI. To debug and continue readback capability, write 0x03.
W
0x008
[7:0]
0xC0
Page all main DACs for TXEN control update.
W
0x596
[7:0]
0x0C
SPI turn on TXENx feature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com