Electronic Components Datasheet Search
  English  ▼

X  

AD9175 Datasheet(PDF) 98 Page - Analog Devices

Part # AD9175
Description  Dual, 11-Bit/16-Bit, 12.6 GSPS RF DAC with Wideband Channelizers
PDF  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9175 Datasheet(HTML) 98 Page - Analog Devices

Back Button AD9175 Datasheet HTML 94Page - Analog Devices AD9175 Datasheet HTML 95Page - Analog Devices AD9175 Datasheet HTML 96Page - Analog Devices AD9175 Datasheet HTML 97Page - Analog Devices AD9175 Datasheet HTML 98Page - Analog Devices AD9175 Datasheet HTML 99Page - Analog Devices AD9175 Datasheet HTML 100Page - Analog Devices AD9175 Datasheet HTML 101Page - Analog Devices AD9175 Datasheet HTML 102Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 150 page
background image
AD9175
Data Sheet
Rev. A | Page 98 of 150
Addr.
Name
Bits
Bit Name
Settings
Description
Reset
Access
0x100
DIG_RESET
[7:1]
RESERVED
Reserved.
0x0
R
0
DIG_DATAPATH_PD
Holds all digital logic (SERDES digital, digital
clock generation, and digital datapath) in
reset until clock tree is stable.
0x1
R/W
0
Normal operating mode.
1
Holds the digital logic in reset. Must be
released (set to 0) after clocks to the chip
are stable (PLL and DLL blocks are locked)
to use the digital datapath.
0x110
JESD_MODE
7
MODE_NOT_IN_
TABLE
Programmed JESD204B mode and
interpolation mode combination is not
valid. Select a different combination.
0x0
R
6
COM_SYNC
Combine the SYNCOUTx± signals in dual
link case.
0x0
R/W
[5:0]
JESD_MODE
Sets the JESD204B mode configuration. See
Table 13 for the JESD204B supported
operating modes and compatible
interpolation rates. Bit 5 of this control
determines single link (set to 0) or dual link
(set to 1). Bits[4:0] set the desired JESD204B
mode according to Table 13.
0x20
R/W
0x111
INTRP_MODE
[7:4]
DP_INTERP_MODE
Sets main datapath interpolation rate. See
Table 13 for the JESD204B supported
operating modes and compatible JESD204B
modes and channel interpolation rates.
0x8
R/W
0x1
1×.
0x2
2×.
0x4
4×.
0x6
6×.
0x8
8×.
0xC
12×.
[3:0]
CH_INTERP_MODE
Sets channel interpolation rate. See Table 13
for the JESD204B supported operating
modes and compatible JESD204B modes
and main datapath interpolation rates.
0x4
R/W
0x1
1×.
0x2
2×.
0x3
3×.
0x4
4×.
0x6
6×.
0x8
8×.
0x112
DDSM_DATAPATH_
CFG
7
RESERVED
Reserved.
0x0
R
6
EN_CMPLX_MOD
Modulator switch mode selection. This
control allows modifying Configuration 3 of
the modulator switch to allow complex
(I/Q) data from each NCO to pass to DACx.
This function depends on the settings
applied to Bits[5:4] in this register,
Register 0x112. When this bit is set high,
Bits[5:4] of this register are set to 0b11
(Modulator Switch Configuration 3). This
control is paged by the MAINDAC_
PAGE bits in Register 0x008.
0
Switch configuration is as defined by
Bits[5:4].



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com