Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 28 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 28 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 24Page - Analog Devices ADPD144RI Datasheet HTML 25Page - Analog Devices ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices ADPD144RI Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 28 of 34
AFE CONFIGURATION REGISTERS
Table 15. AFE Configuration Registers, Time Slot A
Address
Data
Bit
Default
Value
Access
Name
Description
0x39
[15:0]
0x22FC
R/W
SLOTA_AFEMODE
AFE configuration for Time Slot A.
Recommended setting: write 0x21F4.
0x42
[15:7]
0x038
R/W
Reserved
6
0x0
R/W
SLOTA_TIA_IND_EN
Enable Time Slot A TIA gain individual settings. When this bit is enabled,
Channel 1 receives the TIA gain from Register 0x42, Bits[1:0], and
Channel 2 to Channel 4 receive the settings from Register 0x55, Bits[5:0].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:4]
0x3
R/W
Reserved
Write 0x03.
[3:2]
0x2
R/W
Reserved
Write 0x1.
[1:0]
0x0
R/W
SLOTA_TIA_GAIN
TIA gain for Time Slot A. When SLOTA_TIA_ IND_EN is enabled, this
value is for Time Slot A Channel 1 TIA gain. When SLOTA_TIA_IND_EN is
disabled, it is for all four Time Slot A channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
0x43
[15:0]
0xADA5
R/W
SLOTA_AFE_CON
AFE connection in Time Slot A.
0xADA5: analog full path mode.
0xB065: TIA ADC mode.
Others: reserved.
0x55
[15:12]
0x0
R/W
Reserved
[11:10]
0x0
R/W
SLOTB_TIA_GAIN_4
TIA gain for Time Slot B Channel 4.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[9:8]
0x0
R/W
SLOTB_TIA_GAIN_3
TIA gain for Time Slot B Channel 3.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[7:6]
0x0
R/W
SLOTB_TIA_GAIN_2
TIA gain for Time Slot B Channel 2.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[5:4]
0x0
R/W
SLOTA_TIA_GAIN_4
TIA gain for Time Slot A Channel 4.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
[3:2]
0x0
R/W
SLOTA_TIA_GAIN_3
TIA gain for Time Slot A Channel 3.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com