Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 22 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 22 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices ADPD144RI Datasheet HTML 23Page - Analog Devices ADPD144RI Datasheet HTML 24Page - Analog Devices ADPD144RI Datasheet HTML 25Page - Analog Devices ADPD144RI Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 22 of 34
MECHANICAL CONSIDERATIONS FOR COVERING
THE ADPD144RI
In some applications, it may be necessary to cover the ADPD144RI
to protect the device from moisture. The ADPD144RI is
designed with this necessity in mind. The unique cross section
of the device, as shown in Figure 11, prevents light from going
directly from the LED to the detector even with a reasonably
thick window. The window thickness must be less than 1 mm.
SAMPLE SETUP FILE SpO2
The following sequence of register writes configures the device
for optimal reading of the SpO2 levels in reflectance mode
using the integrated 660 nm (LED1) and 880 nm (LED2) LED
emitters. In this setup, all four photodiodes are connected to
Channel 3 and Channel 4 for best SNR. Eight LED pulses per
slot and eight samples per average. The optical data rate is set to
100 data reads per second for Time Slot A and Time Slot B.
Unwritten registers are set to their default values at power up and
stay that way unless written to.
Figure 23 shows the reflectance PPG taken when using the
example setup file detailed in Table 12 programmed through
Analog Devices, Inc., Wavetool software available on the
ADPD144RI product page.
Figure 23. Reflectance PPG Taken Using the Example SpO2 Setup File (see
Table 12) Programmed Through Analog Devices Wavetool Software
Table 12. Example SpO2 Setup File
Register
Value
Register Name
Description
0x10
0x0001
Mode
Set this register to 0001 to write to registers.
0x02
0x0005
INT_IO_CTL
Enables the interrupt drive, low active.
0x11
0x30A9
SLOT_EN
If FIFO full drop package, Time Slot A = sample mode, Time Slot B = sample mode, Time Slot A =
32-bit sum, and Time Slot B = 32-bit sum.
0x12
0x000A
F_SAMPLE
Sample rate = 800 Hz.
0x14
0x0116
PD_LED_SELECT
PD1, PD2, PD3, and PD4 into Channel 3 and Channel 4, Time Slot A and Time Slot B active,
pulse LED2 Time Slot A, and pulse LED1 Time Slot B. See Figure 14.
0x15
0x0330
NUM_AVG
Average samples for Time Slot A = 8, and average samples for Time Slot B = 8.
0x18
0x3FFF
SLOTA_CH1_OFFSET
16,383 not used.
0x19
0x3FFF
SLOTA_CH2_OFFSET
16,383 not used.
0x1A
0x1FF0
SLOTA_CH3_OFFSET
8,176 half scale.
0x1B
0x1FF0
SLOTA_CH4_OFFSET
8,176 half scale.
0x1E
0x3FFF
SLOTB_CH1_OFFSET
16,383 not used.
0x1F
0x3FFF
SLOTB_CH2_OFFSET
16,383 not used.
0x20
0x1FF0
SLOTB_CH3_OFFSET
8,176 half scale.
0x21
0x1FF0
SLOTB_CH4_OFFSET
8,176 half scale.
0x23
0x3005
ILED1_COARSE
Scale 100% and driver current = 100 mA.
0x24
0x3007
ILED2_COARSE
Scale 100% and driver current = 130 mA.
0x25
0x0207
ILED_FINE
LED1 = 593.75 ns and LED2 = 593.75 ns.
0x30
0x0319
SLOTA_LEDMODE
Pulse Offset A = 25 µs and pulse width = 3 µs.
0x31
0x0813
SLOTA_NUMPULSES
Pulse Period A = 19 µs and Pulse Count A = 8.
0x35
0x0319
SLOTB_LEDMODE
Pulse Offset B = 25 µs and pulse width = 3 µs.
0x36
0x0813
SLOTB_NUMPULSES
Pulse Period B = 19 µs and Pulse Count A = 8.
0x39
0x21F3
SLOTA_AFEMODE
Time Slot A AFE fine offset = 593.75 ns (19 × 31.25 ns), AFE offset = 15 µs, and AFE width = 4 µs.
0x3B
0x21F3
SLOTB_AFEMODE
Time Slot A AFE fine offset = 593.75 ns (19 × 31.25 ns), AFE offset = 15 µs, and AFE width = 4 µs.
0x42
0x1C36
SLOTA_GAIN
Time Slot A TIA = 50,000, band-pass filter = 390 kHz/100 kHz, VREF = 1.265 V, and integrator =
200,000/6.33 pF.
0x44
0x1C36
SLOTB_GAIN
Time Slot B TIA = 50,000, band-pass filter = 390 kHz/100 kHz, VREF = 1.265 V, and integrator =
200,000/6.33 pF.
0x4E
0x0040
ADC_TIMING
The ADC clock only pulses during conversion.
0x10
0x0002
Mode
Set this register to 0002 to run the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com