Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 20 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 20 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices ADPD144RI Datasheet HTML 23Page - Analog Devices ADPD144RI Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 20 of 34
DETERMINING THE AVERAGE LED CURRENT
When the ADPD144RI drives an LED, the ADPD144RI drives
the LED in a series of short pulses. Figure 22 shows the typical
ADPD144RI configuration of a LED pulse burst sequence. In
this sequence, the LED pulse width, tLED_PULSE, is 3 µs, and the
LED pulse period, tLED_PERIOD, is 19 µs. The goal of CVLED is to
buffer the LED between individual pulses. In the worst case
scenario, where the pulse train shown in Figure 22 is a
continuous sequence of short pulses, the VLED supply must
supply the average current. Therefore, calculate ILED_AVERAGE as
follows:
ILED_AVERAGE = (tLED_PULSE/tLED_PERIOD) × ILED_PEAK
(9)
where:
ILED_AVERAGE is the average current needed, per pulse, from the VLED
supply, and ILED_AVERAGE is also the VLED supply current rating.
ILED_PEAK is the peak current setting of the LED.
For the numbers shown in Figure 22, ILED_AVERAGE = 3/19 ×
ILED_PEAK. For typical LED timing, the average VLED supply
current is 3/19 × 250 mA = 39.4 mA, indicating that the VLED
supply must support a dc current of 40 mA.
ILED_PEAK
3µs
19µs
Figure 22. Typical Configuration of a LED Pulse Burst Sequence
CALCULATING THE TOTAL POWER
CONSUMPTION
The current consumption of the ADPD144RI depends on the
user selected operating configuration, as described in the
following equations.
Total Power Consumption
To calculate the total power consumption, use the following
equation:
Total Power = IVDD_AVG × ILEDA_AVG × VLEDA +
ILEDB_AVG × VLEDB
(10)
See the following sections for the definitions of these variables.
Average VDD Supply Current
To calculate the average VDD supply current, use the following
equation:
IVDD_AVG = DR × ((IAFE_A × tSLOTA) + (IAFE_B × tSLOTB) + QPROC) +
IVDD_STANDBY
(11)
where:
DR is the data rate in Hz.
QPROC is an average charge associated with a processing time.
QPROC = 0.64 × 10−3 mC for Time Slot A enabled), 0.51 × 10−3
mC for Time Slot B enabled, and 0.69 × 10−3 mC for Time Slot A
and Time Slot B enabled.
IVDD_STANDBY = 3.5 × 10−3 mA.
IAFE_x (mA) = 8.9 + (LEDxPEAK −25)/225
(12)
tSLOTx (sec) = LEDx_OFFSET + LEDx_PERIOD ×
PULSE_COUNT
(13)
where:
LEDxPEAK is the coarse LED current setting in Register 0x23 and
Register 0x24, Bits[3:0], respectively, expressed in mA.
LEDx_OFFSET is the pulse start time offset expressed in
seconds.
LEDx_PERIOD is the pulse period expressed in seconds.
PULSE_COUNT is the number of pulses.
Note that if either Time Slot A or Time Slot B is disabled, IAFE_x = 0
for that respective time slot.
Average VLEDA Supply Current
To calculate the average VLED supply current (ILEDA_AVG) for Time
Slot A, use the following equation:
ILEDA_AVG = (SLOTA_LED_WIDTH/1 × 106) × LEDAPEAK ×
DR × PULSE_COUNT
(14)
where:
SLOTA_LED_WIDTH is the width of the LED pulse assigned to
Time Slot A.
LEDAPEAK is LED1PEAK or LED2PEAK, expressed in mA, for
whichever LED is selected for Time Slot A.
Average VLEDB Supply Current
To calculate the average VLED supply current (ILEDB_AVG) for Time
Slot B, use the following equation:
ILEDB_AVG = (SLOTB_LED_WIDTH/1 × 106) × LEDBPEAK ×
DR × PULSE_COUNT
(15)
where:
SLOTB_LED_WIDTH is the width of the LED pulse assigned to
Time Slot B.
LEDBPEAK is LED1PEAK or LED2PEAK, expressed in mA, for
whichever LED is selected for Time Slot B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com