Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 27 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 27 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 23Page - Analog Devices ADPD144RI Datasheet HTML 24Page - Analog Devices ADPD144RI Datasheet HTML 25Page - Analog Devices ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 27 of 34
Address
Data
Bit
Default
Value
Access
Name
Description
0x24
[15:14]
0x0
R/W
Reserved
13
0x1
R/W
ILED2_SCALE
LED2 current scale factor.
1: 100% strength.
0: 40% strength (recommended operation setting).
LED2 Current Scale = 0.4 + 0.6 × (Register 0x24, Bit 13)
12
0x1
R/W
Reserved
[11:4]
0x0
R/W
Reserved
Write 0x03.
[3:0]
0x0
R/W
ILED2_COARSE
LED2 coarse current setting. Coarse current sink target value of LED2 in
standard operation. See Register 0x23, Bits[3:0] for values.
LED2PEAK = LED2COARSE × LED2FINE × LED2SCALE
where:
LED2PEAK is the LED2 peak target value (mA).
LED2COARSE
= 28 + 15.5 × (Register 0x24, Bits[3:0]).
LED2FINE
= 0.71 + 0.024 × (Register 0x25, Bits[10:6]).
LED2SCALE
= 0.4 + 0.6 × (Register 0x24, Bit 13).
0x25
[15:11]
0xC
R/W
Reserved
[10:6]
0xC
R/W
ILED2_FINE
LED2 fine adjust. Current adjust multiplier for LED2.
LED2 Fine Adjust = 0.71 + 0.024 × (Register 0x25, Bits[10:6])
See Register 0x24, Bits[3:0], for the full LED2 formula.
5
0x0
R/W
Reserved
[4:0]
0xC
R/W
ILED1_FINE
LEDX1 fine adjust. Current adjust multiplier for LEDX1.
LEDX1 Fine Adjust = 0.71 + 0.024 × (Register 0x25, Bits[4:0])
See Register 0x23, Bits[3:0], for the full LEDX1 formula.
0x30
[15:0]
0x0320
R/W
SLOTA_LEDMODE
LED configuration for Time Slot A.
Recommended setting: write 0x0319.
0x31
[15:8]
0x08
R/W
SLOTA_NUMPULSES
LED Time Slot A pulse count. nA: number of LED pulses in Time Slot A,
typically LEDX1. A setting of six pulses (0x06) is typical.
[7:0]
0x18
R/W
Reserved (write
0x13)
Write 0x13.
0x34
[15:10]
0x00
R/W
Reserved
9
0x0
R/W
SLOTB_LED_DIS
Time Slot B LED disable. 1: disables the LED that is assigned to Time Slot B.
Register 0x34 keeps the drivers active and prevents them from pulsing
current to the LEDs. Disabling both LEDs via this register is often used to
measure the dark level.
Use Register 0x11 instead to enable or disable the actual time slot usage
and not the LED only.
8
0x0
R/W
SLOTA_LED_DIS
Time Slot A LED disable. 1: disables the LED that is assigned to Time Slot A.
Use Register 0x11 instead to enable or disable the actual time slot usage
and not the LED only.
[7:0]
0x00
R/W
Reserved
0x35
[15:0]
0x0320
R/W
SLOTB_LEDMODE
LED configuration for Time Slot B.
Recommended setting: write 0x0319.
0x36
[15:8]
0x08
R/W
SLOTB_NUMPULSES
LED Time Slot B pulse count. nB: number of LED pulses in Time Slot B,
typically LED2. A setting of six pulses (0x06) is typical.
[7:0]
0x18
R/W
Reserved (write 0x13)
Write 0x13.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com