Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 29 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 29 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 25Page - Analog Devices ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices ADPD144RI Datasheet HTML 32Page - Analog Devices ADPD144RI Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 29 of 34
Address
Data
Bit
Default
Value
Access
Name
Description
[1:0]
0x0
R/W
SLOTA_TIA_GAIN_2
TIA gain for Time Slot A Channel 2.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
Table 16. AFE Configuration Registers, Time Slot B
Address
Data
Bit
Default
Value
Access
Name
Description
0x3B
[15:0]
0x22FC
R/W
SLOTB_AFEMODE
AFE configuration for Time Slot B.
Recommended setting: write 0x21F4.
0x44
[15:7]
0x038
R/W
Reserved
6
0x0
R/W
SLOTB_TIA_IND_EN
Enable Time Slot B TIA gain individual settings. When it is enabled,
Channel 1 receives the TIA gain from Register 0x44, Bits[1:0], and
Channel 2 to Channel 4 receive the settings from Register 0x55, Bits[11:6].
0: disable TIA gain individual setting.
1: enable TIA gain individual setting.
[5:4]
0x3
R/W
Reserved
Write 0x03.
[3:2]
0x2
R/W
Reserved
Write 0x1.
[1:0]
0x0
R/W
SLOTB_TIA_GAIN
TIA gain for Time Slot B. When SLOTB_TIA_IND_EN is enabled, this value is
for Time Slot B Channel 1 TIA gain. When SLOTB_TIA_ IND_EN is
disabled, it is for all four Time Slot B Channel TIA gain settings.
0: 200 kΩ.
1: 100 kΩ.
2: 50 kΩ.
3: 25 kΩ.
0x45
[15:0]
0xADA5
R/W
SLOTB_AFE_CON
AFE connection in Time Slot B.
0xADA5: analog full path mode.
0xB065: TIA ADC mode.
Others: reserved.
SYSTEM REGISTERS
Table 17. System Registers
Address
Data
Bit
Default
Access
Name
Description
0x00
[15:8]
0x00
R/W
FIFO_SAMPLES
FIFO status. Number of available bytes to be read from the FIFO. When
comparing this to the FIFO length threshold (Register 0x06, Bits[13:8]),
note that the FIFO status value is in bytes and the FIFO length thresh-
old is in words, where one word = two bytes. With the FIFO_ACCESS_ENA
bit set, write 1 to Bit 15 of FIFO_SAMPLES to clear the contents of the FIFO.
7
0x00
R/W
Reserved
6
0x00
R/W
SLOTB_INT
Time Slot B interrupt. Describes the type of interrupt event. A 1
indicates an interrupt of a particular event type has occurred. Write a 1
to clear the corresponding interrupt. After clearing the interrupt, the
register goes to 0. Writing a 0 to this register has no effect.
5
0x00
R/W
SLOTA_INT
Time Slot A interrupt. Describes the type of interrupt event. A 1
indicates an interrupt of a particular event type has occurred. Write a 1
to clear the corresponding interrupt. After clearing the interrupt, the
register goes to 0. Writing a 0 to this register has no effect.
[4:0]
0x00
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com