Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 30 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 30 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices ADPD144RI Datasheet HTML 32Page - Analog Devices ADPD144RI Datasheet HTML 33Page - Analog Devices ADPD144RI Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 30 of 34
Address
Data
Bit
Default
Access
Name
Description
0x01
[15:9]
0x00
R/W
Reserved
8
0x00
R/W
FIFO_INT_MASK
Sends an interrupt when the FIFO data length has exceeded the FIFO
length threshold in Register 0x06, Bits[13:8]. A 0 enables the interrupt.
7
0x1
R/W
Reserved
6
0x1
R/W
SLOTB_INT_MASK
Sends an interrupt on the Time Slot B sample. A 0 enables the interrupt.
5
0x1
R/W
SLOTA_INT_MASK
Sends an interrupt on the Time Slot A sample. A 0 enables the interrupt.
[4:0]
0x1F
R/W
Reserved
0x02
[15:3]
0x0000
R/W
Reserved
2
0x0
R/W
INT_ENA
INT enable.
0: disable the INT pin. The INT pin floats regardless of interrupt status.
The status register (Address 0x00) remains active.
1: enable the INT pin.
1
0x0
R/W
INT_DRV
INT drive.
0: the INT pin is always driven.
1: the INT pin is driven when the interrupt is asserted. Otherwise, it is
left floating and requires a pull-up or pull-down resistor, depending on
polarity (operates as open-drain). Use this setting if multiple devices
need to share the INT pin.
0
0x0
R/W
INT_POL
INT polarity.
0: the INT pin is active high.
1: the INT pin is active low.
0x06
[15:14]
0x0
R/W
Reserved
[13:8]
0x00
R/W
FIFO_THRESH
FIFO length threshold. An interrupt is generated when the number of
data words in the FIFO exceeds the value in FIFO_THRESH. The
interrupt pin automatically deasserts when the number of data words
available in the FIFO no longer exceeds the value in FIFO_THRESH.
[7:0]
0x00
R/W
Reserved
0x08
[15:0]
0x0416
R
DEV_ID
Device ID.
0x0A
[15:12]
0x0
R
Reserved
[11:0]
0x000
R
CLK_RATIO
When the CLK32M_CAL_EN bit (Register 0x50, Bit 5) is set, the device
calculates the number of 32 MHz clock cycles in two cycles of the
32 kHz clock. The result, nominally 2000 (0x07D0), is stored in the
CLK_RATIO bits.
0x10
[15:2]
0x000
R/W
Reserved
[1:0]
0x0
R/W
Mode
Determines the operating mode of the ADPD144RI.
0x0: standby.
0x1: program.
0x2: sample.
0x11
[15:14]
0x1
R/W
Reserved
13
0x0
R/W
RDOUT_MODE
Readback data mode for extended data registers.
0x0: block sum of N samples.
0x1: block average of N samples.
12
0x1
R/W
FIFO_OVRN_PREVENT
0x0: wrap around FIFO, overwriting old data with new.
0x1: new data if FIFO is not full (recommended setting).
[11:9]
0x0
R/W
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com