Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 25 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 25 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices ADPD144RI Datasheet HTML 23Page - Analog Devices ADPD144RI Datasheet HTML 24Page - Analog Devices ADPD144RI Datasheet HTML 25Page - Analog Devices ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 25 of 34
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Addr Name
Bits Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W1
0x6A SLOTB_PD3_16BIT [15:8]
SLOTB_PD3_16BIT [15:8]
0x0000 R
[7:0]
SLOTB_PD3_16BIT [7:0]
0x6B SLOTB_PD4_16BIT [15:8]
SLOTB_PD4_16BIT [15:8]
0x0000 R
[7:0]
SLOTB_PD4_16BIT [7:0]
0x70 A_PD1_LOW
[15:8]
SLOTA_PD1_LOW[15:8]
0x0000 R
[7:0]
SLOTA_PD1_LOW[7:0]
0x71 A_PD2_LOW
[15:8]
SLOTA_PD2_LOW[15:8]
0x0000 R
[7:0]
SLOTA_PD2_LOW[7:0]
0x72 A_PD3_LOW
[15:8]
SLOTA_PD3_LOW[15:8]
0x0000 R
[7:0]
SLOTA_PD3_LOW[7:0]
0x73 A_PD4_LOW
[15:8]
SLOTA_PD4_LOW[15:8]
0x0000 R
[7:0]
SLOTA_PD4_LOW[7:0]
0x74 A_PD1_HIGH
[15:8]
SLOTA_PD1_HIGH[15:8]
0x0000 R
[7:0]
SLOTA_PD1_HIGH[7:0]
0x75 A_PD2_HIGH
[15:8]
SLOTA_PD2_HIGH[15:8]
0x0000 R
[7:0]
SLOTA_PD2_HIGH[7:0]
0x76 A_PD3_HIGH
[15:8]
SLOTA_PD3_HIGH[15:8]
0x0000 R
[7:0]
SLOTA_PD3_HIGH[7:0]
0x77 A_PD4_HIGH
[15:8]
SLOTA_PD4_HIGH[15:8]
0x0000 R
[7:0]
SLOTA_PD4_HIGH[7:0]
0x78 B_PD1_LOW
[15:8]
SLOTB_PD1_LOW[15:8]
0x0000 R
[7:0]
SLOTB_PD1_LOW[7:0]
0x79 B_PD2_LOW
[15:8]
SLOTB_PD2_LOW[15:8]
0x0000 R
[7:0]
SLOTB_PD2_LOW[7:0]
0x7A B_PD3_LOW
[15:8]
SLOTB_PD3_LOW[15:8]
0x0000 R
[7:0]
SLOTB_PD3_LOW[7:0]
0x7B B_PD4_LOW
[15:8]
SLOTB_PD4_LOW[15:8]
0x0000 R
[7:0]
SLOTB_PD4_LOW[7:0]
0x7C B_PD1_HIGH
[15:8]
SLOTB_PD1_HIGH[15:8]
0x0000 R
[7:0]
SLOTB_PD1_HIGH[7:0]
0x7D B_PD2_HIGH
[15:8]
SLOTB_PD2_HIGH[15:8]
0x0000 R
[7:0]
SLOTB_PD2_HIGH[7:0]
0x7E B_PD3_HIGH
[15:8]
SLOTB_PD3_HIGH[15:8]
0x0000 R
[7:0]
SLOTB_PD3_HIGH[7:0]
0x7F B_PD4_HIGH
[15:8]
SLOTB_PD4_HIGH[15:8]
0x0000 R
[7:0]
SLOTB_PD4_HIGH[7:0]
1
RW1C means write 1 to clear.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com