Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 9 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 9 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices ADPD144RI Datasheet HTML 10Page - Analog Devices ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 9 of 34
THEORY OF OPERATION
INTRODUCTION
The ADPD144RI is a highly integrated, optical module
designed for reflective PPG measurements. The module
combines red and infrared LED emitters, a four segment optical
detector, and a mixed signal, photometric front end with digital
control and signal processing in a compact device for optical
measurements.
The ADPD144RI uses synchronous detection of optical pulses
to improve the rejection of ambient light while also using much
less operating power than nonsynchronous architectures. The
integrated LED emitters produce light pulses synchronous with
the active sampling period of the AFE. The AFE comprises a
programmable TIA, a band-pass filter and an integrator. The
processed analog signals are digitized by a 14-bit ADC and
summed by the 20-bit burst accumulator. Four channels of
simultaneous sampling are matrixed into two independent time
slots (one for each LED wavelength). The number of pulses per
sample is adjustable and accumulation and averaging can be
applied to multiple samples to increase the dynamic range to
27 bits.
A high speed I2C interface allows data to be read from output
registers directly or through a first in, first out (FIFO) buffer.
Configuration control of the ADPD144RI is provided through
the I2C interface.
OPTICAL COMPONENTS
Photodiode
The ADPD144RI integrates a 1.2 mm2 deep-junction photodiode
optimized for red and infrared sensitivity. The optical sensing
area is segmented into four physical photodiodes. These diodes
are multiplexed into two or four separate optical channels within
the analog signal processing block. Data processing is performed
on each channel independently, and output data is reported in
sets of four 16-bit or 32-bit registers (one per optical channel)
or summed into a single register, depending on programmed
output data format.
LEDs
The ADPD144RI module contains two LED emitters at the
optimum 660 nm red (LED1) and 880 nm IR (LED2) wavelengths
for measurement of blood oxygenation (SpO2). A common
anode connection to VLED supplies both integrated LEDs
while the cathode of each LED is connected to a programmable
current sink. The use of current sinks to pulse the LEDs allows
a single supply voltage to power LEDs with different forward
voltage requirements automatically compensating for the
different forward voltages required by different LED families.
When using the integrated LEDs, do not connect the LEDX1
and LEDX2 pins.
NOTES
1. ALL DIMENSIONS ARE TYPICAL AND SHOWN IN mm.
2. LED DIMENSIONS:
880nm LED: 0.350mm × 0.350mm
660nm LED: 0.340mm × 0.340mm
3. PHOTODIODE AREA: 1.2mm2 (0.3mm2 PER PD).
880nm
LED
660nm
LED
2.80
1.36
5.00
0.83
0.66
1.40
0.55
1.48
2.95
4.53
1.70
3.50
3.11
2.71
2.32
1.10
Figure 11. Optical Component Locations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com