Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 10 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 10 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices ADPD144RI Datasheet HTML 10Page - Analog Devices ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices ADPD144RI Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 10 of 34
SAMPLING OPERATION
The ADPD144RI samples bursts of synchronous pulses in two
independent time slots, Time Slot A and Time Slot B, which
occur sequentially within a sample period. The entire signal
path from LED stimulation to data capture and processing is
executed during each time slot. Time Slot A and Time Slot B
feature separate datapaths that can be configured with
independent settings for the LED driver, AFE setup, and the
resulting data. In a typical Sp02 application, the red and IR
emitters are assigned to different time slots, allowing each
wavelength independent calibration.
Each time slot can contain 1 to 255 pulses. The energy from
each pulse is collected, and the total energy minus ambient light
is sampled by the ADC. A burst accumulator sums the pulse
energies into a 20-bit value. The number of pulses in each time
slot is set in the top octet of Register 0x31 for Time Slot A and
Register 0x36 for Time Slot B. Each time slot is considered a
discrete sample and the combined Time Slot A and Time Slot B,
when both are used, is considered a sampling period. Flexibility
in pulse number and emitter power allows the designer to
choose the best balance of sampling rate, sensitivity, and power
consumption for the application.
PULSE TIMING
The pulse timing for each time slot is programmed in
Register 0x30, Register 0x31, Register 0x35, and Register 0x36.
Sampling starts with the pulse delay, which is the time from the
acquisition start to the rising edge of the first pulse. Time Slot A
and Time Slot B operate in sequence for every sampling period
in which these slots are both enabled.
To calculate sample timing use the following equation:
Pulse Offset + (Pulse Count × Pulse Period) + Processing Time (1)
where:
Pulse Offset is the delay before the first pulse in each sample.
Pulse Count is the total number of pulses within a time slot.
Pulse Period is the time from the start of one pulse to the start of
the subsequent pulse.
Processing Time is the time for the burst accumulator to sum the
pulse energy and place the data on the internal bus.
The following timing calculations use the configuration detailed
in Table 12.
Register 0x31 = 0x0320, Register 0x31 = 0x0818, Pulse Offset A =
25 µs, Pulse Width A = 3 µs, Pulse Period A = 19 µs, and
Pulse Count A = 8.
Time Slot A (tA) = 25 µs + 8 × 19 µs + 68 µs = 245 µs
Register 0x31 = 0x0320, Register 0x31 = 0x0818, Pulse Offset B
= 25 µs, Pulse Width B = 3 µs, Pulse Period B = 19 µs, and Pulse
count B = 8.
Time Slot B (tB) = 25 µs + 8 × 19 µs + 20 µs = 197 µs
Processing time for Time Slot A (t1) is fixed at 68 µs and
Time Slot B (t2) is fixed at 20 µs.
Note that nA is the number of pulses for Time Slot A, and nB is
the number of pulses for Time Slot B.
The minimum sleep time (tSLEEP_MIN) between samples is 200 µs
but can be longer depending on the fSAMPLE, see Register 0x12,
Bits[15:0].
tB
TIME SLOT B
tA
t1
tB
t2
SLEEP
TIME SLOT A
SAMPLE PERIOD = 1/
fSAMPLE
nA PULSES
nB PULSES
SAMPLE
PULSE PERIOD = AFE MEASURE WINDOW
LED PULSE WIDTH
TIME SLOT A
TIME SLOT B
AVERAGE TIME SLOT A = NA SAMPLES
TIME SLOT A
PULSE DELAY
SLEEP
t1
SAMPLE
SAMPLE
t2
tA
Figure 12. Time Slot Timing Diagram
Table 9. Recommended AFE and LED Timing Configuration
Register Name
Address
Recommended Setting
SLOTA_LEDMODE
0x30
0x0319
SLOTB_LEDMODE
0x35
0x0319
SLOTA_AFEMODE
0x39
0x21F3
SLOTB_AFEMODE
0x3B
0x21F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com