Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 31 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 31 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices ADPD144RI Datasheet HTML 32Page - Analog Devices ADPD144RI Datasheet HTML 33Page - Analog Devices ADPD144RI Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 31 of 34
Address
Data
Bit
Default
Access
Name
Description
[8:6]
0x0
R/W
SLOTB_FIFO_MODE
Time Slot B FIFO data format.
0: no data to FIFO.
1: 16-bit sum of all 4 channels.
2: 32-bit sum of all 4 channels.
4: 4 channels of 16-bit sample data.
6: 4 channels of 32-bit extended sample.
Others: reserved.
The selected Time Slot B data is saved in the FIFO. Available only if
Time Slot A has the same averaging factor, NSAMPLE (Register 0x15,
Bits[10:8] = Bits[6:4]), or if Time Slot A is not saving data to the FIFO
(Register 0x11, Bits[4:2] = 0).
5
0x0
R/W
SLOTB_EN
Time Slot B enable. 1: enables Time Slot B.
[4:2]
0x0
R/W
SLOTA_FIFO_MODE
Time Slot A FIFO data format.
0: no data to FIFO.
1: 16-bit sum of all 4 channels.
2: 32-bit sum of all 4 channels.
4: 4 channels of 16-bit sample data.
6: 4 channels of 32-bit extended sample.
Others: reserved.
1
0x0
R/W
Reserved
Write 0x0.
0
0x0
R/W
SLOTA_EN
Time Slot A enable. 1: enables Time Slot A.
0x38
15
0x0
R/W
Reserved
14
0x0
R/W
EXT_SYNC_ENA
Write 0x1 when EXT_SYNC_SEL (Register 0x4F, Bit 2) is set to 1.
Otherwise, write 0x0.
[13:0]
0x0
R/W
Reserved
0x4B
[15:8]
0x26
R/W
Reserved
7
0x0
R/W
CLK32K_EN
Sample clock power-up. Enables the data sample clock.
0x0: clock disabled.
0x1: normal operation.
6
0x0
R/W
Reserved
[5:0]
0x12
R/W
CLK32K_ADJUST
Data sampling (32 kHz) clock frequency adjust. This register calibrates
the sample frequency of the device to achieve high precision on the
data rate as defined in Register 0x12. Adjusts the sample master 32 kHz
clock by 0.6 kHz per LSB. For a 100 Hz sample rate as defined in
Register 0x12, 1 LSB of Register 0x4B, Bits[5:0], is 1.9 Hz. Note that a
larger value produces a lower frequency. See the Clocks and Timing
Calibration section for more information regarding clock adjustment.
00 0000: maximum frequency.
10 0010: typical center frequency.
11 1111: minimum frequency.
0x4D
[15:8]
0x42
R/W
Reserved
[7:0]
0x5E
R/W
CLK32M_ADJUST
Internal timing (32 MHz) clock frequency adjust. This register calibrates
the internal clock of the device to achieve precisely timed LED pulses.
Adjusts the 32 MHz clock by 109 kHz per LSB. See the Clocks and
Timing Calibration section for more information on clock adjustment.
0000 0000: minimum frequency.
0101 1110: default frequency.
1111 1111: maximum frequency.
0x4E
[15:0]
0x0060
R/W
ADC_TIMING
Write 0x0040.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com