Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 6 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 6 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 2Page - Analog Devices ADPD144RI Datasheet HTML 3Page - Analog Devices ADPD144RI Datasheet HTML 4Page - Analog Devices ADPD144RI Datasheet HTML 5Page - Analog Devices ADPD144RI Datasheet HTML 6Page - Analog Devices ADPD144RI Datasheet HTML 7Page - Analog Devices ADPD144RI Datasheet HTML 8Page - Analog Devices ADPD144RI Datasheet HTML 9Page - Analog Devices ADPD144RI Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 6 of 34
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Rating
VDD1, VDD2 to AGND
−0.3 V to +2.2 V
VDD1, VDD2 to DGND
−0.3 V to +2.2 V
INT to DGND
−0.3 V to +2.2V
LEDX1, LEDX2 to LGND
−0.3 V to +3.6 V
SCL to DGND
−0.3 V to +3.6 V
SDA to DGND
−0.3 V to +3.6 V
VLED to LGND1
−0.3 V to +4.3 V
ESD
Human Body Model (HBM)
3000 V
Charged Device Model (CDM)
1250 V
Machine Model (MM)
100 V
Solder Reflow (Pb-Free)
Peak Temperature
260 (+0/−5)°C
Time at Peak Temperature
<30 sec
Temperature Range
Powered
−40°C to +85°C
Storage
−40°C to +105°C
Junction Temperature
105°C
1
The absolute maximum voltage allowable between VLED and LGND is the
voltage that causes the LEDX1 pin and the LED2X pin to reach or exceed
their absolute maximum voltage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is necessary in a packaged IC to predict reliability and is a
measure of the ability of the package to remove heat from the
die. This device is a module with three separate die mounted to
a substrate. Therefore, it is not possible to have one number
describe the θJA of the entire assembly because the two die types
used within this module have different thermal profiles, which
is why a separate θJA is given for each die type in Table 6.
Table 6. Thermal Resistance
Package Type1
Supply Pins
θJA
Unit
CE-12-2
ASIC
VDD1, VDD2
56
°C/W
LED1, LED2
VLED
156
°C/W
1
Thermal impedance simulated values are based on JEDEC 2s2p and two
thermal vias. See JEDEC JESD-51.
RECOMMENDED SOLDERING PROFILE
Figure 3 and Table 7 provide details about the recommended
soldering profile.
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 7. Recommended Soldering Profile
Profile Feature
Conditions (Pb-Free)
Average Ramp Rate (TL to TP)
2°C/sec maximum
Preheat
Minimum Temperature (TSMIN)
150°C
Maximum Temperature (TSMAX)
200°C
Time, TSMIN to TSMAX (tS)
60 sec to 120 sec
TSMAX to TL Ramp-Up Rate
2°C/sec maximum
Time Maintained Above Liquidous
Temperature
Liquidous Temperature (TL)
217°C
Time (tL)
60 sec to 150 sec
Peak Temperature (TP)
+260°C (+0/−5)°C
Time Within 5°C of Actual Peak
Temperature (tP)
<30 sec
Ramp-Down Rate
3°C/sec maximum
Time from 25°C (t25°C) to Peak
Temperature
8 minutes maximum
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com