Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 19 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 19 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices ADPD144RI Datasheet HTML 21Page - Analog Devices ADPD144RI Datasheet HTML 22Page - Analog Devices ADPD144RI Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 19 of 34
Calibrating the 32 MHz Clock
The 32 MHz clock calibrates items associated with fine timing
within a sample period, such as LED pulse width and spacing.
Only calibrate the 32 MHz clock after the 32 kHz clock is
calibrated. To calibrate the 32 MHz clock, take the following
steps:
1. Write 0x1 to Register 0x5F, Bit 0 (FIFO_ACCESS_ENA).
2. Enable the CLK_RATIO calculation by writing 0x1 to
Register 0x50, Bit 5 (CLK32M_CAL_EN). This function
counts the number of 32 MHz clock cycles in two cycles of the
32 kHz clock. With this function enabled, this cycle value is
stored in Register 0x0A, Bits[11:0], and nominally this ratio is
0x7D0.
3. Calculate the 32 MHz clock error as follows:
Clock Error = 32 MHz × (1 − CLK_RATIO/2000)
(5)
4. Adjust the frequency by setting Bits[7:0] in Register 0x4D
per the following equation:
CLK32M_ADJUST = Clock Error/109 kHz
(6)
5. Write 0x0 to Register 0x50, Bit 5 (CLK32M_CAL_EN) to
reset the CLK_RATIO function.
Repeat Step 2 through Step 5 until the desired accuracy is achieved.
Write 0x0 to Register 0x5F, Bit 0 and set the INT pin back to the
mode desired for normal operation.
DETERMINING CVLED
The synchronous excitation of the ADPD144RI LED emitters is
provided by pulsed current sinks. A pulsed signal greatly reduces
the average power requirement of the VLED supply but requires that
the VLED supply provide a high dynamic current to satisfy the pulse
current. Output impedance, PCB trace resistance and parasitic
inductances affect the ability to supply the instantaneous current
necessary to maintain the forward voltage across the LED. The
CVLED capacitor provides a local, low impedance current source that
reduces the dynamic requirements on the VLED supply.
A properly sized CVLED typically has a sufficient storage capacity
to prevent the forward voltage on the LED from dropping less
than the minimum voltage required for the maximum pulse
current. To calculate the recommended minimum value for the
CVLED, use the following equation:
×
=
– (
+ 0.2)
LED_PULSE
F_PEAK
VLED
LED_MIN
F_PEAK
tI
C
VV
(7)
where:
CVLED is the minimum size of capacitor in Farads.
tLED_PULSE is the LED pulse width.
IF_PEAK is the maximum forward-bias current on the LED used in
operating the device.
VLED_MIN is the voltage from the VLED supply under IF_PEAK.
VF_PEAK is the maximum forward-bias voltage required on the
LED to achieve IF_PEAK.
Figure 8 shows the LED forward-bias voltage drop vs. the LED
driver current settings for the integrated LED emitters. To
determine the CVLED value, determine the peak forward-bias
voltage, VF_PEAK of the LED in operation. For example, the
660 nm LED requires a forward voltage (VF) of approximately
3.5 V to drive a forward current (IF) of 150 mA. If 150 mA is the
highest power used in the design, VF_PEAK = 3.5 V.
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
0
300
250
200
150
100
50
LED DRIVER CURRENT SETTING (mA)
880nm
660nm
Figure 21. LED Forward-Bias Voltage Drop vs. LED Driver Current Setting for
the Integrated LED Emitters
The numerator of the CVLED equation sets up the total discharge
amount in coulombs from the bypass capacitor to satisfy a
single programmed LED pulse at the maximum current. The
denominator represents the difference between the lowest
voltage from the VLED supply and the LED required voltage plus
the 0.2 V compliance necessary for the driver.
For a typical ADPD144RI example, assume that the lowest value
for the VLED supply is 4.0 V and that the peak current is 150 mA for
the 660 nm LED (LED1). The minimum value for CVLED is then
equal to 1.5 µF.
CVLED = (3 × 10−6 × 0.150)/(4.0 − (3.5 + 0.2)) = 1.5 µF
(8)
In addition, consider the effect of VLED output impedance and
parasitic impedance from the traces. As shown in Equation 8, as
the supply voltage drops close to the minimum required anode
voltage, the demands on CVLED become greater, forcing the
capacitor value higher. Therefore, adding margin on CVLED is
strongly recommended. It is also recommended to place CVLED
close to the VLED pin to optimize optical pulse quality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com