Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 34 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 34 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 26Page - Analog Devices ADPD144RI Datasheet HTML 27Page - Analog Devices ADPD144RI Datasheet HTML 28Page - Analog Devices ADPD144RI Datasheet HTML 29Page - Analog Devices ADPD144RI Datasheet HTML 30Page - Analog Devices ADPD144RI Datasheet HTML 31Page - Analog Devices ADPD144RI Datasheet HTML 32Page - Analog Devices ADPD144RI Datasheet HTML 33Page - Analog Devices ADPD144RI Datasheet HTML 34Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 34 of 34
OUTLINE DIMENSIONS
BOTTOM VIEW
TOP VIEW
END VIEW
SEATING
PLANE
A1 PAD
CORNER
A1 CORNER
INDEX AREA
5.10
5.00
4.90
1.45
1.35
1.25
0.65
0.60
0.55
0.45
0.40
0.35
2.90
2.80
2.70
3.50
REF
0.70
BSC
0.10
2.00
BSC
1.71 BSC
1.25 BSC
2.24 REF
1.86 BSC
0.74
REF
0.30
REF
1.05 REF
1
6
12
7
0.93 REF
0.39
REF
COPLANARITY
0.08
Figure 24. 12-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
2.8 mm × 5.0 mm Body
(CE-12-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature
Range
Package Description
Package
Option
ADPD144RI-ACEZ-RL
−40°C to +85°C
12-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV], 13”Tape and Reel
CE-12-2
ADPD144RI-ACEZ-RL7
−40°C to +85°C
12-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV], 7”Tape and Reel
CE-12-2
EVAL-ADPD144RIZ-SF
Small Form Factor Evaluation Board, Suitable for Earbud and Patch Applications
1 Z = RoHS Compliant Part.
2 To use the EVAL-ADPD144RIZ-SF, the EVAL-ADPDUCZ microcontroller board must also be used.
I2C refers to a communications protocol originally developed by Philips Semiconductors (now NXP Semiconductors).
©2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D14060-0-2/19(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com