Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 14 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 14 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 10Page - Analog Devices ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices ADPD144RI Datasheet HTML 14Page - Analog Devices ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 14 of 34
External LEDs
External LEDs can be driven for applications beyond SpO2 or
for use in transmission PPG. Leaving the VLED pin unconnected
effectively disables the integrated LED emitters on the ADPD144RI.
The external LED anodes require connection to an external LED
supply, VXLED. The cathodes of the external LEDs are connected to
the LEDX1 and LEDX2 pins.
CVLED
LED1
TO HOST
PROCESSOR
LED2
SCL
SDA
INT
VREF
LEDX1
ADPD144RI
LEDX2
C2
1µF
VXLED
NC
C3
0.1µF
VDD = 1.8 V
NOTES
1. NC = NO CONNECT.
Figure 17. Connection of External LEDs
The ADPD144RI LED drivers are pulsed current sinks, which
allows programming of the LED pulse currents without concern
for LED supply voltage or LED technology as long as the LEDX1
and LEDX2 voltages stay within the working envelope of the
current sinks, 0.2 V > 3.6 V above LGND. Below 0.2 V, the LED
driver performance cannot be guaranteed. The LED drivers
have an absolute maximum voltage rating of 3.6 V. Any voltage
exposure over this rating affects the reliability of the device
operation and, in certain circumstances, causes the device to
completely cease proper operation.
The voltage that is presented to the LEDX1 and LEDX2 pins
when using the external LEDs is the VXLED supply voltage minus
the forward voltage drop across the diode plus the voltage drop
of any resistance in line with the LED. The operating forward
voltage for an LED depends on the type and technology of the
LED and varies only a small amount over the operating range of
the LED. Forward voltage is typically 1.3 V for an 880 nm LED1
and 1.8 V for a 660 nm LED2, while shorter wavelengths
operate at higher forward voltages. Voltage drop across any
resistance in series with the LED varies with instantaneous
current and must be considered when calculating the voltage at
LEDX1 and LEDX2. Even though the average current through
the LED is small, the pulsed current is high enough to be
affected by series resistance, and care in the layout to reduce
series inductance and resistance in the circuit path between the
VXLED supply through the external LED and into the LEDX1 and
LEDX2 driver pins is recommended.
Multiple Sample Averaging and Accumulation
The ADPD144RI digital processing block can provide sample
accumulation and averaging to increase signal resolution and
improve signal noise shaping.
As shown in Figure 16, pulses acquired by the AFE (nA or nB)
are summed and clipped to 20-bit samples at the output of the
burst accumulator. The effective gain and dynamic range of the
AFE can be further extended to 27 bits by summing multiple
samples (NA or NB) in the sample accumulator at the expense of
the effective sampling rate.
The 27-bit values are padded up to 32-bit words and can be read
out directly by using the 32-bit output registers or the 32-bit
FIFO configuration. New data is written to the registers at the
rate of fSAMPLE/N every Nth sample. The 16-bit registers remain
active during 32-bit sample accumulation. Data from the
sample accumulator is decimated and clipped to prevent
overrun of the 16-bit output registers. Sample averaging can be
used to integrate the noise while maintaining 16-bit resolution.
Writing 0 to Register 0x11, Bit 13 places the digital decimation
filter into the datapath of the 32-bit registers. This provides
20-bit average data to the 32-bit registers. When using the
averaging feature, samples can be averaged by powers of 2. The
user can select from 2, 4, 8 … up to 128 samples to be averaged.
Data Read
The host processor reads output data from the ADPD144RI, via
the I2C protocol, from the data registers or from the FIFO. New
output data is made available every N samples, where N is the user
configured averaging factor. The averaging factors for Time Slot A
and Time Slot B are configurable independently of each other. If
the time slots are the same, both time slots can be configured to
save data to the FIFO. If the two averaging factors are different,
only one time slot can save data to the FIFO. Data from the
other time slot can be read from the output registers.
The data read operations are described in more detail in the
Reading Data section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com