Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 16 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 16 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices ADPD144RI Datasheet HTML 14Page - Analog Devices ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices ADPD144RI Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
ADPD144RI
Data Sheet
Rev. A | Page 16 of 34
APPLICATIONS INFORMATION
TYPICAL CONNECTION DIAGRAM
Figure 19 illustrates the recommended connection diagram for
the ADPD144RI. The 1.8 V I2C communication lines, SCL and
SDA, along with the INT line, connect to a system microprocessor
or sensor hub. A level translator may be necessary if the I2C
lines from the microprocessor are not 1.8 V logic.
Provide the 1.8 V supply, tied to VDD1 and VDD2. Use
standard regulator circuits according to the peak current
requirements specified in Table 1 and calculated in the
Calculating the Total Power Consumption section.
For best noise performance, connect AGND, DGND, and LGND
together at a large conductive surface such as a ground plane,
ground pour, or large ground trace.
1
2
3
12
11
10
9
4
5
6
7
8
ADPD144RI
LGND
SDA
DGND
AGND
VDD1
VREF
SCL
INT
VDD2
LEDX2
LEDX1
VLED
1µF
SDA
VLED
SCL
INT
0.1µF
CVLED
1.8V
Figure 19. Connection Diagram
LAND PATTERN
Figure 20 shows the recommended PCB footprint (land
pattern). Table 7 and Figure 3 provide the recommended
soldering profile.
1
2
3
4
5
6
12
11
10
9
8
7
0.905mm
0.7mm
0.45mm
2.0mm
Figure 20. Land Pattern
RECOMMENDED START-UP SEQUENCE
The ADPD144RI does not require a particular power-up
sequence. The device powers up in standby mode (Register 0x10 =
0x0000).
From standby mode, to begin measurement, initiate the
ADPD144RI as follows:
1.
Write 0x0001 to Register 0x10 to force the device into
program mode.
2.
Registers must be written while the device is in program
mode. Registers may be written in any order.
3.
Set SAMPLE_CLK, Register 0x4B, Bit 7 (CLK32K_EN) to
start the sample clock (32 kHz clock). This step must be
done only once after power-up of the device. However,
writing to the bit more than once does not cause a
problem.
4.
Write 0x0002 to Register 0x10 to force the device to
normal operation.
The ADPD144RI is now sampling and data can be read from
the output register and/or FIFO depending on set
configuration.
To place the ADPD144RI into standby mode:
1.
Write 0x0001 to Register 0x10 to force the device into
program mode.
2.
If desired, write registers in any order while the device is in
program mode.
3.
Write 0x00FF to Register 0x00 to clear all interrupts. If
desired, clear the FIFO as well by setting
DATA_ACCESS_CTL, Register 0x5F, Bit 0
(FIFO_ACCESS_ENA) and writing 0x80FF to Register
0x00. Reset Register 0x5F, Bit 0 back to 0 when this step is
complete.
4.
Write 0x0000 to Register 0x10 to force the device into
standby mode.
5.
This step is optional. For absolute minimum standby
power consumption, disable the 32 kHz clock by setting
SAMPLE_CLK, Register 0x4B, Bit 7 (CLK32K_EN) to 0.
This must be written when the device is in standby mode
(Register 0x10 = 0x0).
The ADPD144RI is now in standby mode.
Warning: if 0 is written to Register 0x4B, Bit 7 (CLK32K_EN)
while in program mode or normal mode, the device is unable to
transition into any other mode, including standby mode. As a
result, the power consumption in what appears to be standby
mode is greatly elevated. Due to the low current draw of the
32 kHz clock while in operation, it is recommended, from an
ease of use perspective, to keep the 32 kHz clock running after
the clock is turned on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com