Electronic Components Datasheet Search
  English  ▼

X  

ADPD144RI Datasheet(PDF) 15 Page - Analog Devices

Part # ADPD144RI
Description  PPG Optical Sensor Module with Integrated Red/IR Emitters and AFE
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADPD144RI Datasheet(HTML) 15 Page - Analog Devices

Back Button ADPD144RI Datasheet HTML 11Page - Analog Devices ADPD144RI Datasheet HTML 12Page - Analog Devices ADPD144RI Datasheet HTML 13Page - Analog Devices ADPD144RI Datasheet HTML 14Page - Analog Devices ADPD144RI Datasheet HTML 15Page - Analog Devices ADPD144RI Datasheet HTML 16Page - Analog Devices ADPD144RI Datasheet HTML 17Page - Analog Devices ADPD144RI Datasheet HTML 18Page - Analog Devices ADPD144RI Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 34 page
background image
Data Sheet
ADPD144RI
Rev. A | Page 15 of 34
I2C SERIAL INTERFACE
The ADPD144RI supports an I2C serial interface via the SDA
(data) pin and the SCL (clock) pin. All internal registers are
accessed through the I2C interface.
The ADPD144RI conforms to the UM10204 I2C-Bus Specification
and User Manual, Rev. 05—9 October 2012, available from NXP
Semiconductors. The ADPD144RI supports fast mode (400 kbps)
data transfer. Register read and write operations are supported, as
shown in Figure 18. Figure 2 shows the timing diagram for the I2C
interface. The 7-bit I2C slave address for the device is 0x64.
Figure 18 illustrates the ADPD144RI I2C write and read
operations. Single word and multiword read operations are
supported. For a single register read, the host sends a no
acknowledge (NACK) after the second data byte is read and
a new register address is needed for each access.
For multiword operations, each pair of data bytes is followed by
an acknowledge (ACK) from the host until the last byte of the
last word is read. The host indicates the last read word by
sending a NACK. When reading from the FIFO (Register 0x60),
the data is automatically advanced to the next word in the FIFO,
and the space is freed. When reading from other registers, the
register address is automatically advanced to the next register,
allowing the user to read without readdressing each register and
thereby reducing the amount of overhead required to read
multiple registers. This auto-increment does not apply to the
register that precedes the FIFO, Register 0x5F, or the last data
register, Register 0x7F.
All register writes are single word only and require 16 bits
(one word) of data.
Table 11. Definitions of I2C Terminology
Term
Description
SCL
Serial clock.
SDA
Serial address and data.
Master
The device that initiates a transfer, generates clock signals, and terminates a transfer.
Slave
The device addressed by a master. The ADPD144RI operates as a slave device.
Start (S)
A high to low transition on the SDA line while SCL is high. All transactions begin with a start condition.
Start (Sr)
A repeated start condition.
Stop (P)
A low to high transition on the SDA line while SCL is high. A stop condition terminates all transactions.
ACK
During the acknowledge (ACK) or no acknowledge (NACK) clock pulse, the SDA line is pulled low and remains low.
NACK
During the ACK or NACK clock pulse, the SDA line remains high.
Slave Address
After a start (S), a 7-bit slave address is sent, which is followed by a data direction bit (read or write).
Read (R)
A 1 indicates a request for data.
Write (W)
A 0 indicates a transmission.
NOTES
1. THE SHADED AREAS REPRESENT WHEN THE DEVICE IS LISTENING.
MASTER START
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
SLAVE
ACK
ACK
ACK
ACK
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
ACK/NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER WRITE
DATA[15:8]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[7:0]
DATA[15:8]
STOP
ACK
DATA TRANSFERRED
n (DATA[15:8]+ACK+DATA[7:0] + ACK/NACK)
MASTER START
Sr
SLAVE ADDRESS + WRITE
REGISTER ADDRESS
NACK
STOP
SLAVE
ACK
ACK
DATA[7:0]
REGISTER READ
SLAVE ADDRESS + READ
ACK
DATA[15:8]
ACK
I2C WRITE
I2C SINGLE WORD READ MODE
I2C MULTIWORD READ MODE
Figure 18. I2C Write and Read Operations



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com