Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 4 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 4 Page - Analog Devices

  LT8551 Datasheet HTML 1Page - Analog Devices LT8551 Datasheet HTML 2Page - Analog Devices LT8551 Datasheet HTML 3Page - Analog Devices LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
LT8551
4
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
(ISPn –ISNn) Voltage In Regulation
IAMPP = 2.20V, IAMPN = 0V, ILIM = 0V, ISNn = 12V
IAMPP = 0.60V, IAMPN = 0V, ILIM = 0V, ISNn = 12V
IAMPP = 2.20V, IAMPN = 0V, ILIM = REG, ISNn = 12V
IAMPP = 0.60V, IAMPN = 0V, ILIM = REG, ISNn = 12V
IAMPP = 2.20V, IAMPN = 0V, ILIM = Float, ISNn = 12V
IAMPP = 0.60V, IAMPN = 0V, ILIM = Float, ISNn = 12V
l
l
l
l
l
l
21.25
–26.75
45
–51
67.25
–76.75
26.75
–21.25
51
–45
76.75
–67.25
mV
mV
mV
mV
mV
mV
(ISP–ISN) to IAMPP Voltage Gain
ILIM = 0V, Master LT8551, ISP = 0V
ILIM = REG, Master LT8551, ISP = 0V
ILIM = FLOAT, Master LT8551, ISP = 0V
33.3
16.7
11.1
IAMPP Sourcing Current Limit
(ISP–ISN) = 0mV, Master LT8551
l
250
µA
IAMPP Sinking Current Limit
(ISP–ISN) = 0mV, Master LT8551
l
60
µA
IAMPP Load Regulation
ILOAD = –200µA to 50 µA, Master LT8551
1
mV
IAMPP Pin Bias Current
IAMPP = 1.2V, Slave LT8551
IAMPP = 2.4V, Slave LT8551
3
6
µA
µA
Mismatch Between (ISPn –ISNn) and
Master LT8551’s (ISP–ISN) in Regulation
ILIM = REG
l
–6
–4.75
6
4.75
%
%
Mismatch Between (ISPn –ISNn) and
Master LT8551’s (ISP–ISN) in Regulation
ILIM = FLOAT
l
–6
–5.5
6
5.5
%
%
Mismatch Between (ISPn –ISNn) and
Master LT8551’s (ISP–ISN) in Regulation
ILIM = 0V
l
–10
–8
10
8
%
%
Oscillator
CLK1 Frequency
RT/MS = 24.3kΩ, Master LT8551
RT/MS = 100 kΩ, Master LT8551
RT/MS = 249kΩ, Master LT8551
l
l
l
900
236
90
1000
250
100
1100
264
110
kHz
kHz
kHz
Switching Frequency Range
Free-Running
Synchronizing
l
l
100
125
1000
1000
kHz
kHz
SYNC High Level for Synchronization
l
1.2
V
SYNC Low Level for Synchronization
l
0.8
V
CLK1, CLK2 Rise Time
CLOAD = 220pF, Master LT8551 (Note 4)
7
ns
CLK1, CLK2 Fall Time
CLOAD = 220pF, Master LT8551 (Note 4)
5
ns
CLK2 Rising Threshold
Slave LT8551
l
4
V
CLK2 Falling Threshold
Slave LT8551
l
1
V
PHS1, PHS2 High Rising Threshold
l
4.65
V
PHS1, PHS2 High Threshold Hysteresis
80
mV
PHS1, PHS2 Low Falling Threshold
l
0.3
V
PHS1, PHS2 Low Threshold Hysteresis
80
mV
PHS1, PHS2 Impedance at Floating
11
kΩ
PHS3 Rising Threshold
l
4.65
V
PHS3 Threshold Hysteresis
80
mV
REG LDO
REG Voltage
REGSNS = 5V, IAMPN = 0V, ILOAD = 45mA
l
4.9
5.1
5.3
V
REG LDO Current Limit
VIN = 12V, REGSNS = 5V, REG, VCC = 4V
VIN = 24V, REGSNS = 5V, REG, VCC = 4V
250
145
mA
mA
REG LDO Gate Drive Clamp Voltage
(VIN – REGDRV) Voltage, REG, VCC = 4.5V
5.3
V
REG Load Regulation
ILOAD = 0A to 100mA, REGSNS = 5V, IAMPN = 0V
90
mV
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 12V, REG = 5V, VCC = 5V, SHDN = High, unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com