Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 17 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 17 Page - Analog Devices

Back Button LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
LT8551
17
Rev 0
For more information www.analog.com
OPERATION
Current Sensing Gain, Limit and Fault
The gain of five current amplifiers (A0 to A4 in the Block
Diagram) has three gain levels which are set by the ILIM
pin. Connecting the ILIM pin to GND/REG/Floating sets
the gain to 33.3/16.7/11.1, respectively. The outputs of
these amplifiers are called IAMP_INT/IMAP_INTx (in the
Block Diagram). The relation between the IAMP_INT/
IAMP_INTx and the (ISP–ISN)/(ISPx–ISNx) are shown
in Figure 7. There is a 1.4V offset. For expanded channels,
the IAMP_INTx’s value determines the current limit and
current fault as shown in Figure 8.
Figure 7.
–90
2.4
1.4
0.4
60
8551 F07
90
30
–30
–60
ILIM = FLOAT
GAIN = 11.1
ILIM = REG
GAIN = 16.7
IAMP_INT (V)
IAMP_INTx (V)
(ISP – ISN) (mV)
(ISPx – ISNx) (mV)
ILIM = GND, GAIN = 33.3
ILIM = REG, GAIN = 16.7
ILIM = FLOAT, GAIN = 11.1
Current Sensing Amplifier Output Vs. Input
at Three Different Gains
Figure 8.
CURRENT FAULT
CURRENT LIMIT
CURRENT LIMIT
NORMAL OPERATION
2.8
0.4
2.4
0
8551 F08
IAMP_INTx Voltage for Current Limit and
Current Fault
When the IAMP_INTx reaches 2.4V but lower than 2.8V,
or if it drops below 0.4V, the corresponding channel
enters current limit. When the current limit condition is
detected, both corresponding channel’s BGx and TGx are
pulled low immediately. The channel resumes switching at
the next clock rising edge after the current limit condition
is removed. The corresponding (ISPx–ISNx) voltages at
current limit are indicated in Figure 7.
When the IAMP_INTx reaches 2.8V, the corresponding
channel enters current fault. When the current fault con-
dition is detected, the corresponding channel enters into
a fault sequence which is described in more detail in the
Fault Sequence section.
Shutdown and Start-Up
Figure 9 illustrates the start-up sequence for the LT8551.
The shutdown pin for the chip is SHDN. When it is driven
below 0.3V, the chip is disabled (chip off state) and qui-
escent current is minimal. Increasing the SHDN voltage
can increase quiescent current but will not enable the chip
until SHDN is driven above 1.15V (typical) after which the
REG LDO is enabled (switcher off state).
Starting up the switching regulator happens after VCC
has risen above 3.55V (typical) and the ENOUT has been
driven above 2.1V (typical). For a master LT8551, the
ENOUT is an open drain pin. When VCC is lower than
3.55V, the ENOUT is pulled to GND to disable switching.
For a slave LT8551, the ENOUT is always a high imped-
ance input pin.
Fault Sequence
The LT8551 activates a fault sequence (see Figure 9)
when IAMP_INTx is higher than 2.8V, which is the fault
condition for a LT8551. The fault event is independent of
channels, which means that the fault condition occurring
in one channel won’t directly affect other channels. If one
of these conditions occurs for a certain channel, the cor-
responding channel’s gate driver outputs are pulled low. If
one of the LT8551’s channels enters latch off mode (see
Figure 9), only restarting the whole chip will reactivate
the channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com