Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 8 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 8 Page - Analog Devices

Back Button LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices LT8551 Datasheet HTML 10Page - Analog Devices LT8551 Datasheet HTML 11Page - Analog Devices LT8551 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
LT8551
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
PHS1 High Threshold Voltage vs
Temperature
PHS1 Low Threshold Voltage vs
Temperature
PHS2 Pin Current
PHS2 High Threshold Voltage vs
Temperature
PHS2 Low Threshold Voltage vs
Temperature
ILIM Pin Current vs Voltage
ILIM High Threshold Voltage vs
Temperature
ILIM Low Threshold Voltage vs
Temperature
ENOUT Threshold Voltage
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.25
4.30
4.35
4.40
4.45
4.50
8551 G19
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.4
0.5
0.6
0.7
0.8
8551 G20
T = 25°C
PHS2 PIN VOLTAGE (V)
0
1
2
3
4
5
–180
–120
–60
0
60
120
180
8551 G21
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.25
4.30
4.35
4.40
4.45
4.50
8551 G22
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.4
0.5
0.6
0.7
0.8
8551 G23
ILIM VOLTAGE (A)
0
1
2
3
4
5
–180
–120
–60
0
60
120
180
8551 G24
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.20
4.25
4.30
4.35
4.40
8551 G25
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
0.3
0.4
0.5
0.6
0.7
0.8
0.9
8551 G26
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
8551 G27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com