Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 18 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 18 Page - Analog Devices

Back Button LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LT8551
18
Rev 0
For more information www.analog.com
OPERATION
ENOUT Connection
For a master LT8551, this pin is an open-drain logic
output pin. The master LT8551’s ENOUT pin is pulled
to ground when it is not ready for switching. For a slave
LT8551, this pin is an input pin. For both master and slave
LT8551 devices, when the ENOUT pin is lower than 2.1V
(typical), the gate driver’s switching activity is disabled.
When a master LT8551 is not ready for switching, it is
desired to disable the primary controller and the slave
LT8551 devices’ switching activity. Figure 10 is one rec-
ommended configuration.
ENOUT > 2.1V (TYPICAL) AND VCC > 3.55V (TYPICAL)
SHDN > 1.15V (TYPICAL) AND VIN > 3.3V (TYPICAL) AND
TJUNCTION <165°C (TYPICAL) AND
(ENOUT <2.1V (TYPICAL) OR VCC < 3.55V (TYPICAL))
SHDN < 1.15V (TYPICAL) OR
VIN < 3.3V (TYPICAL) OR
TJUNCTION >165°C (TYPICAL)
YES
NO
YES
8551 F09
FAULT
FAULT
FAULT
SWITCHER OFF
• SWITCHER OFF
• REG LDO ON
CHIP OFF
• SWITCHER OFF
• REG LDO OFF
FAULT DETECTED
• SWITCHER DISABLED
• FAULT COUNTER +1
• WAITING FOR FAULT CONDITION CLEARED
NORMAL MODE
• NORMAL OPERATION
• RESET FAULT COUNTER
POST FAULT DELAY
• SWITCHER DISABLED
• WAITING FOR ABOUT 800 CLOCK CYCLES
PRE-NORMAL MODE
• NORMAL OPERATION FOR ABOUT 800
CLOCK CYCLES
LATCH OFF MODE
• SWITHER DISABLED
IS
FAULT COUNTER
LESS THAN 15?
Figure 9. Start-Up and Fault Sequence
REG
47pF
CONNECT TO
SYSTEM ENABLE SIGNAL
47k
8551 F10
PRIMARY
CONTROLLER
EN OR
SHND
MASTER
LT8551
ENOUT
SHDN
SLAVE
LT8551
ENOUT
SHDN
Figure 10. Recommended ENOUT Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com