Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 1 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 1 Page - Analog Devices

  LT8551 Datasheet HTML 1Page - Analog Devices LT8551 Datasheet HTML 2Page - Analog Devices LT8551 Datasheet HTML 3Page - Analog Devices LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LT8551
1
Rev 0
For more information www.analog.com
Document Feedback
VIN
REG
VIN
INTVCC
POWER STAGE 1
REG
8551 TA01a
ISP
ISN
SENSE–
SENSE+
BOOST
TG
SW
BG
POWER STAGE 4
POWER STAGE 2
POWER STAGE 3
ENOUT
CLK1
TGSR TGSH
BGSH
TGSL
VIN
RUN PLLIN/MODE
LT8551
LTC3769
PINS FOR POWER
STAGES 2,3,4
LT8551 PINS NOT SHOWN
IN THIS CIRCUIT:
BST2, BST3, BST4, TG2, TG3, TG4,
SW2, SW3, SW4, BG2, BG3, BG4,
ISP2, ISP3, ISP4, ISN2, ISN3, ISN4
SYNC, PHS1, PHS2, PHS3, MODE,
TGBUF, BGBUF, CLK2, IAMPP, IAMPN,
SHDN, RT/MS, ILIM
VIN
5V TO 24V
VOUT
24V/25A
VOUT FOLLOWS VIN
WHEN VIN > 24V
REGSNS
INTVCC
BST1
SW1
ISN1
ISP1
BG1
TG1
REGIS
REGDRV
REG
VCC
GND
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Multiphase Boost Converter
Expander with Internal Gate Drivers
The LT®8551 is a multiphase expander for synchronous
boost DC/DC converters. It operates in tandem with any
synchronous boost DC/DC converter to increase the load
current capability by adding additional phases, which are
clocked out-of-phase to reduce ripple current and filtering
capacitance. It easily adds phases without the need to
route sensitive feedback and control signals.
The LT8551 integrates 5V gate drivers and can support up
to four boost phases per device. Multiple LT8551 devices
can be used for up to 18 phases. It accurately monitors
and adjusts the current of each channel to achieve excel-
lent DC and transient current sharing.
The LT8551 operates over a fixed frequency from 100kHz
to 1MHz or can be synchronized to an external clock.
24V/25A Step-Up Expander System
APPLICATIONS
n
Expands Up to 4 Phases per Chip
n
Up to 80V Input or Output Voltage
n
Cascade with Multiple Chips for High Current
Applications
n
Supports Up to 18 Distinct Phases from 20° to 180°
n
Phases Can Share Phase Angle
n
Excellent DC and Transient Current Sharing
n
Phase-Lockable Fixed Frequency 125kHz to 1MHz
n
Supports Bidirectional Current Flow
n
RSENSE or DCR Current Sensing
n
Eliminates the Need to Route Sensitive Feedback and
Control Signals.
n
52-Lead (7mm × 8mm) QFN Package
n
High Current Distributed Power Systems
n
Telecom, Datacom, and Storage Systems
n
Industrial and Automotive
All registered trademarks and trademarks are the property of their respective owners. Protected
by U.S. patents, including 9077244.


Similar Part No. - LT8551

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LT8550 AD-LT8550 Datasheet
3Mb / 34P
4-Phase DC/DC Expander Internal Gate Drivers
LT8550EUKG#PBF AD-LT8550EUKG#PBF Datasheet
3Mb / 34P
4-Phase DC/DC Expander Internal Gate Drivers
LT8550IUKG#PBF AD-LT8550IUKG#PBF Datasheet
3Mb / 34P
4-Phase DC/DC Expander Internal Gate Drivers
More results

Similar Description - LT8551

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
R-78S RECOM-R-78S Datasheet
457Kb / 5P
Boost Converter
logo
Shenzhen Huazhimei Semi...
HM1558 HMSEMI-HM1558 Datasheet
1Mb / 8P
Boost Converter
logo
ON Semiconductor
FAM65CR51ADZ1 ONSEMI-FAM65CR51ADZ1 Datasheet
654Kb / 14P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
April, 2021 ??Rev. 3
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1 Datasheet
670Kb / 16P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2020 ??Rev. 1
logo
Maxim Integrated Produc...
MAX15158 MAXIM-MAX15158 Datasheet
857Kb / 28P
High-Voltage Multiphase Boost Controller
Rev 2; 11/19
MAX15158Z MAXIM-MAX15158Z Datasheet
996Kb / 26P
High-Voltage Multiphase Boost Controller
Rev 0; 6/19
logo
ON Semiconductor
FAM65CR51AXZ1 ONSEMI-FAM65CR51AXZ1 Datasheet
730Kb / 14P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
May, 2021 ??Rev. 0
FAM65CR51XZ1 ONSEMI-FAM65CR51XZ1 Datasheet
737Kb / 16P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
May, 2021 ??Rev. 2
FAM65CR51ADZ1 ONSEMI-FAM65CR51ADZ1_V01 Datasheet
687Kb / 14P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC with SiC Diodes
May, 2021 - Rev. 5
FAM65CR51DZ1 ONSEMI-FAM65CR51DZ1_V01 Datasheet
744Kb / 16P
Boost Converter Stage in APM16 Series for Multiphase and Semi-Bridgeless PFC
June, 2021 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com