Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 20 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 20 Page - Analog Devices

Back Button LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LT8551
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
compare the calculated value of TJ to the manufacturer’s
data sheets to help choose the appropriate PMOS that
will not overheat.
TJ = TA + P • RTH(JA)
(1)
Where:
TJ is the junction temperature of the PMOS
TA is the ambient air temperature
P is the power dissipation of the PMOS.
RTH(JA) is the MOSFET’s thermal resistance from the
junction to the ambient air. Refer to the manufacturer’s
data sheets.
To reduce the power dissipation in the external PMOS,
it’s helpful to power up the chip with a lower voltage aux
power supply (VBIAS) instead of sharing the same power
supply with the power stage, especially in a high input
voltage application. Large enough copper area on the PC
board is needed for the PMOS to alleviate thermal stress.
To ensure the loop stability, it’s also recommended to
choose a PMOS with Qg < 40nC.
Figure 13.
VIN (V)
0
100
220
0
13.6
8551 F13
30
CONSTANT
POWER
SET TO 100 mA
REG LDO Current Limit vs VBIAS Voltage
Operating Frequency Selection
The expander system (primary controller and LT8551
devices) adopts a constant frequency ranging from
100kHz to 1MHz determined by the master LT8551. The
primary controller and slave LT8551 devices are syn-
chronized to the master LT8551 by connecting the mas-
ter LT8551’s CLK1 pin to their SYNC pins as shown in
Figure 1. To minimize noise, it is recommended to add
an RC filter between master CLK1 and each primary’s or
slave’s SYNC pin. This RC filter should be close to SYNC
pins with typical value of R = 10Ω, C = 220pF.
The frequency can be set either by the internal oscillator,
or can be synchronized to an external clock source. A
trade-off between efficiency and component size exists in
selecting the switching frequency. Low frequency opera-
tion increases efficiency by reducing MOSFET switching
losses, but requires more inductance and/or capacitance
to maintain low output ripple voltage. The switching fre-
quency can be set by placing an appropriate resistor from
the RT/MS pin to ground and tying the SYNC pin low or
high. The frequency can also be synchronized to an exter-
nal clock source driven into the SYNC pin. The following
sections provide more details.
Internal Oscillator
The free-running switching frequency of the master
LT8551 can be set using the internal oscillator by tying
a resistor from RT/MS pin to ground while the SYNC pin
is driven low (<0.8V) or high (>1.2V). The oscillator fre-
quency is calculated using the following formula:
fOSC =
25,000
RT +0.15
kHz
(2)
Where fOSC is in kHz and RT is in kΩ. Conversely, RT (in
kΩ) be calculated from the desired frequency (in kHz)
using:
RT =
25,000
fOSC
k
Ω–0.15kΩ
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com