Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 6 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 6 Page - Analog Devices

Back Button LT8551 Datasheet HTML 2Page - Analog Devices LT8551 Datasheet HTML 3Page - Analog Devices LT8551 Datasheet HTML 4Page - Analog Devices LT8551 Datasheet HTML 5Page - Analog Devices LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices LT8551 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT8551
6
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
REG LDO Load Regulation
REG Voltage vs REGSNS Voltage
REG LDO Current Limit
REG Quiescent Current vs VIN
Voltage, Not Switching
REG Quiescent Current vs
Temperature, Not Switching
REG LDO Line Regulation
VCC Quiescent Current vs VIN
Voltage, Not Switching
VCC Quiescent Current vs
Temperature, Not Switching
VCC UVLO Threshold
REGSNS = 5V
IAMPN = 0V
VIN = 12V
REG LDO LOAD CURRENT (mA)
0
45
90
135
180
225
4.8
4.9
5.0
5.1
5.2
5.3
8551 G01
IAMPN = 0.1V
IAMPN = 0V
IAMPN = –0.1V
REGSNS VOLTAGE (V)
3
3.5
4
4.5
5
5.5
6
4.0
4.3
4.6
4.9
5.2
5.5
8551 G02
VIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
0
60
120
180
240
300
8551 G03
T = 130°C
T = 25°C
T = –50°C
VIN VOLTAGE (V)
5
15
25
35
45
55
65
75
85
5.0
7.5
10.0
12.5
15.0
17.5
20.0
8551 G04
VIN = 6V
VIN = 12V
VIN = 80V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
5.0
7.5
10.0
12.5
15.0
17.5
20.0
22.5
25.0
8551 G05
LOAD = 0mA
REGSNS – IAMPN = 5V
VIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
5.1
5.2
5.3
8551 G06
VIN VOLTAGE (V)
0
10
20
30
40
50
60
70
80
4.9
5.0
5.1
5.2
5.3
8551 G07
T = 150°C
T = 25°C
T = –50°C
VIN = 6V
VIN = 12V
VIN = 80V
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
4.9
5.0
5.1
5.2
5.3
8551 G08
RISING
FALLING
TEMPERATURE (°C)
–50 –25
0
25
50
75 100 125 150
3.3
3.4
3.5
3.6
3.7
3.8
8551 G09



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com