Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 22 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 22 Page - Analog Devices

Back Button LT8551 Datasheet HTML 18Page - Analog Devices LT8551 Datasheet HTML 19Page - Analog Devices LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LT8551
22
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Table 3. Recommended Values for Gate Sensing Filters
Primary’s
INTVCC
Voltage (V)
R1 = R3 = R5
(kΩ)
R2 = R4 = R6
(kΩ)
C1
(nF)
C2
(nF)
RF
(Ω)
6.0
4.7
47
10
1.0
22
6.5
10
33
3.3
1.0
27
7.0
10
22
2.2
1.0
30
7.5
10
15
1.0
0.68
47
8.0
10
15
1.0
0.68
47
9.0
10
13
1.0
0.68
47
9.5
9.1
13
1.0
0.68
47
10
10
10
1.0
1.0
43
In addition, R1–R6 should be in the range of kΩ or higher
to reduce the quiescent current. And in order to sense the
primary top gate state correctly during the SW node tran-
sition, the C1 and C2 capacitance within 1nF to 100nF and
CH>4.7nF are recommended. These dividers and filters
should be close to the master LT8551 in the PCB layout.
Power Stage Components Selection Guideline
The power stage components include the input and output
capacitor, inductor, power N-channel MOSFETs and the
optional Schottky diode. Each LT8551’s expanded chan-
nel always adopts the exact same power stage compo-
nents as the primary controller. The following sections
offer a brief guideline for the power device selection. Refer
to the primary controller’s data sheet for more detailed
information.
Inductor Selection
For high efficiency, choose an inductor with low core loss,
such as ferrite. Also the inductor should have low DC
resistance to reduce the I2R losses, and must be able to
handle the peak inductor current without saturating. To
minimize radiated noise, use a toroid, pot core or shielded
bobbin inductor.
The inductor selection is interrelated with maximum aver-
age load current and inductor current ripple, which means
the inductor must have a rating greater than its peak oper-
ating current to prevent saturation and the inductance
must be large enough to decrease the current ripple so
that the maximum average current can be fed to the load
due to the limited peak inductor current.
Power MOSFET, Schottky Diode (Optional) Selection
and Efficiency Considerations.
Critical parameters for power MOSFET selection include
the on-resistance (RDS(ON)), Miller capacitance (CMILLER),
BVDSS (i.e. drain-source breakdown voltage) and maxi-
mum output current, all those parameters can be found
on the manufacture’s data sheet. The gate drive voltage
is set by the REG LDO (5V, typical value), consequently
logic level (5V) MOSFET must be used for the LT8551.
It’s very important to consider power dissipation when
selecting the power MOSFETs. The most efficient cir-
cuit will use MOSFETs that dissipate the least amount of
power. Power dissipation must be limited to avoid over-
heating that might damage the device. When the LT8551
operates in continuous mode, the duty cycles for the top
and bottom MOSFETs are given by:
Main Switch Duty Cycle =
VOUT – VIN
VOUT
Synchronous Switch Duty Cycle =
VIN
VOUT
If the maximum output current is IOUT(MAX) the MOSFET
power dissipation at maximum output current is given by:
PMAIN=
VOUT – VIN
(
)VOUT
VIN2
•IOUT MAX
(
)
2 • 1+δ
(
)
•RDS(ON) +k • VOUT3 •
IOUT MAX
(
)
VIN
•CMILLER • f
PSYNC=
VIN
VOUT
•IOUT MAX
(
)
2 • 1+δ
(
)•RDS(ON)
Both MOSFETs have I2R losses while the bottom N-channel
equation includes an additional term for transition losses,
which are highest at low input voltages. For high VIN the
high current efficiency generally improves with larger
MOSFETs, while for low VIN the transition losses rapidly
increase to the point that the use of a higher RDS(ON) device
with lower CMILLER actually provides higher efficiency. The
synchronous MOSFET losses are greatest at high input
voltage when the bottom switch duty factor is low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com