Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 30 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 30 Page - Analog Devices

Back Button LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices LT8551 Datasheet HTML 28Page - Analog Devices LT8551 Datasheet HTML 29Page - Analog Devices LT8551 Datasheet HTML 30Page - Analog Devices LT8551 Datasheet HTML 31Page - Analog Devices LT8551 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
LT8551
30
Rev 0
For more information www.analog.com
TYPICAL APPLICATIONS
48V Step-Up Expander System
VIN
REG
VIN
INTVCC
POWER STAGE 1
REG
1N4448HWT
+
+
GND
MODE
8551 TA04
ISP
ISN
10
1nF
COUT8,
COUT9
15µF
100V
COUT2
4.7µF
CIN7
22µF
CIN2
10µF
10
464k 7.87k
1nF
1µF
50V
100pF
10µF
10
0.22µF
1nF
VIN
+
100µF
100V
+
100µF
100V
CIN1
10µF
CIN6
22µF
0.22µF
1nF
10nF
COUT6,
COUT7
15µF
100V
COUT1
4.7µF
POWER STAGE 2
POWER STAGE 3
POWER STAGE 4
ENOUT
CLK1
TGSR TGSH
BGSH
TGSL
SHDN
VIN
REGIS
REGDRV
REG
PHS1
PHS2
VCC
PHS3
SYNC
ILIM
RT/MS
IAMPP
IAMPN
CLK2
TGBUF
BGBUF
ITH
ILIM
SS
RUN
PLLIN/MODE
PGOOD
47k
47k
10
10nF
10
47k
10
1nF
10nF
4.7µF
L2
10µH
RS2
4m
L1
10µH
RS1
4m
2k
0.12µF
22pF
0.1µF
1000µF
50V
1000µF
50V
1µF
46.4k
LT8551
LTC3769
PINS FOR
POWER
STAGES 2,3,4
13k
71.5k
350kHz
2.2µF
1nF
1
LT8551 PINS NOT SHOWN
IN THIS CIRCUIT:
BST2, BST3, BST4
TG2, TG3, TG4,
SW2, SW3, SW4,
BG2, BG3, BG4,
ISP2, ISP3, ISP4,
ISN2, ISN3, ISN4
5.8V
VIN
6V TO 46V
MP
VOUT
48V
7.5A AT 6VIN
15A AT 12VIN
30A AT 24VIN
45A AT 36VIN
REGSNS
INTVCC
INTVCC
OVMODE
20
12.1k
D2
D1
M1, M2
M3, M4
M5,
M6
M7,
M8
BST1
SW1
ISN1
ISP1
BG1
TG1
VIN
SENSE–
SENSE+
EXTVCC
BOOST
TG
SW
BG
VFB
VBIAS
FREQ
GND
REG
D1–D5: BAS170W
MP1: ZXMP10A18G
RS1–RS5: PANASONIC ERJ-MP4QF4M0U
L1–L5: COILCRAFT SER2918H-103KL
CIN1–CIN5: MURATA GRM32ER71H106KA12A
CIN6–CIN10: KRM55WR71H226MH01K
COUT1–COUT5: TDK C3225X7S2A475M200AB
COUT6–COUT15: KRM55WR72A156MH01K
M1–M20: BSC100N06LS3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com