Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 10 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8551 Datasheet HTML 6Page - Analog Devices LT8551 Datasheet HTML 7Page - Analog Devices LT8551 Datasheet HTML 8Page - Analog Devices LT8551 Datasheet HTML 9Page - Analog Devices LT8551 Datasheet HTML 10Page - Analog Devices LT8551 Datasheet HTML 11Page - Analog Devices LT8551 Datasheet HTML 12Page - Analog Devices LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
LT8551
10
Rev 0
For more information www.analog.com
PIN FUNCTIONS
REG (Pin 3): Output of REG LDO. Power supply for gate
drivers. Decouple this pin to ground with a minimum
4.7µF low ESR ceramic capacitor. Connect this pin to the
external PMOS drain side.
BG1, BG2, BG3, BG4 (Pins 11, 10, 2, 1): Bottom Gate
Driver Output. These pins drive the gates of the bottom
N-channel MOSFETs. Voltage swing at these pins is from
ground to REG.
BGBUF (Pin 12): Logic Output Pin. This pin is pulled up
to REG when BGSH is at logic high, and it is pulled down
to ground when BGSH is at logic low. For a slave LT8551,
leave this pin floating. See the Applications Information
section for more information.
TGBUF (Pin 13): Logic Output Pin. For a master LT8551,
this pin is pulled up to REG voltage when (TGSH–TGSL)
is at logic high, and it is pulled down to ground when
(TGSH–TGSL) is at logic low. For a slave LT8551, leave
this pin floating. See the Applications Information section
for more information.
BST1, BST2, BST3, BST4 (Pins 14, 7, 6, 52):Boosted
Floating Driver Supply. The (+) terminal of the boost-strap
capacitor is connected to this pin. This pin swings from a
diode voltage drop below REG up to VOUT + REG.
TG1, TG2, TG3, TG4 (Pins 15, 8, 5, 51): Top Gate Driver
Output. This is the output of a floating driver with a volt-
age swing equal to REG superimposed on the switch node
voltage.
SW1, SW2, SW3, SW4 (Pins 16, 9, 4, 50): Switch Node.
Voltage swing at these pins is from a diode voltage drop
below ground to VOUT.
TGSR (Pin 17): The Rail of Primary Channel Top Gate
Sense Circuit. For a master LT8551, connect this pin to
the primary channel top gate driver’s boost node. This pin,
combined with TGSH, TGSL pins, is to sense the primary
channel top MOSFET’s state. For a slave LT8551, connect
this pin to REG.
TGSH (Pin 18): Input of Primary Channel Top Gate Sense
Circuit. For a master LT8551, connect this pin to the pri-
mary channel top MOSFET’s gate. This pin, combined
with TGSR, TGSL pins, is to sense the primary channel
top MOSFET’s state. For a slave LT8551, connect this pin
to the master LT8551’s TGBUF pin.
TGSL (Pin 19): Lower Rail of Primary Channel Top Gate
Sense Circuit. For a master LT8551, connect this pin to
the primary channel top MOSFET’s source. This pin, com-
bined with TGSR, TGSH pins, is to sense the primary
channel top MOSFET’s state. For a slave LT8551, connect
this pin to ground.
CLK1, CLK2 (Pins 21, 20): Clock Pin. These two pins
are used to synchronize the primary channel to all other
channels. See the Applications Information section for
more information.
BGSH (Pin 22): Logic Input of Primary Channel Bottom
Gate Sense Circuit. For a master LT8551, connect this
pin to the primary channel bottom MOSFET’s gate. This
pin is to sense the primary channel bottom MOSFET’s
state. For a slave LT8551, connect this pin to the master
LT8551’s BGBUF pin.
SYNC (Pin 23): To synchronize the switching frequency
to an outside clock, simply drive this pin with a clock. The
high voltage level of the clock must exceed 1.2V, and the
low level must be less than 0.8V. Drive this pin to less
than 0.8V to revert to the internal free-running clock. See
the Typical Applications section.
PHS1, PHS2 (Pins 25, 24): Phase Selection Pin. These
pins, combined with PHS3 and RT/MS, set the switching
frequency and the phase of each channel. PHS1 and PHS2
are three-level input pins, they can be floated, set to REG
or ground. When the PHS1/PHS2 is floating, add a 1nF
cap from PHS1/PHS2to ground. See the Operation section
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com