Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 24 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 24 Page - Analog Devices

Back Button LT8551 Datasheet HTML 20Page - Analog Devices LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices LT8551 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LT8551
24
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
resistor (RSENSE) or inductor DC resistance (DCR). The
choice between the two current sensing schemes is
largely a design trade-off between cost, accuracy and
power consumption. DCR is becoming popular since it
saves expensive current sensing resistors and is more
power efficient, especially in high current applications.
However, current sensing resistors provide the most accu-
rate current limits for the controller. The ISPx/ISNx (i.e.
ISP, ISP1/2/3/4, ISN, ISN1/2/3/4) pins are the inputs to
the current sense amplifiers. The common mode input
voltage range of the current sense amplifier is from 0V
to 80V. The current sense resistor is normally placed at
the input of the LT8551 in series with the inductor. Each
ISPx pin also provides power to the current sense ampli-
fier when ISPx is higher than 1.1V (typical). It draws 0µA
to 100μA during normal operation. The ISNx pin current
is less than 1µA. The high impedance ISNx input to the
current amplifier allows accurate DCR current sensing.
Low Value Resistor Current Sensing: A typical RSENSE
inductor current sensing is shown in Figure 16a. The filter
components (RF, CF) need to be placed near the LT8551.
RF values greater than 100Ω should be avoided as this
may increase offset voltage. The filter time constant
(RF • CF) should be no more than 30nS. The positive and
negative sense traces need to be routed as a differential
pair close together and Kelvin (4-wire) connected under-
neath the sense resistor as shown in Figure 17. RSENSE
is chosen based on the maximum output current. Given
the maximum input current, I(MAX), maximum sense volt-
age, VSENSE(MAX), and maximum inductor ripple current,
∆IL(MAX), the value of the RSENSE can be chosen from the
following formula:
RSENSE =
VSENSE MAX
(
)
IMAX +
∆IL
2
IMAX depends on the required output current IOUT(MAX)
and can be calculated using:
IMAX =IOUT MAX
(
) •
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
a)
CF
RF
FILTER COMPONENTS
CLOSE TO THE ISPx/ISNx PINS
L
RSENSE
VIN
TG
SW
BG
KELVIN SENSE
8551 F16a
ISNx
ISPx
MASTER
LT8551
b)
R2
R1
C
R2 AND C CLOSE TO THE ISPx/ISNx PINS
R1 CLOSE TO THE SW NODE
OPTIONAL
L
DCR
VIN
TG
SW
BG
KELVIN SENSE
8551 F16b
ISNx
ISPx
MASTER
LT8551
Figure 16. Inductor Current Sense Filter
DCR Inductor Current Sensing: For applications requir-
ing the highest possible efficiency, the LT8551 is capable
of sensing the voltage drop across the inductor DCR, as
shown in Figure 16b. The DCR of the inductor represents
the small amount of DC winding resistance, which can
be less than 1mΩ for today’s low value, high current
inductors. In high current applications requiring such an
inductor, conduction loss through a sense resistor would
cost several points of efficiency compared to DCR sens-
ing. The inductor DCR is sensed by connecting an RC
filter across the inductor. This filter typically consists of
one or two resistors (R1 and R2) and one capacitor (C).
If the external (R1||R2)•C time constant is chosen to be
exactly equal to the L/DCR time constant, the voltage drop
across C will be:
VSENSE =IL •DCR•
R2
R1
+R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com