Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 25 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 25 Page - Analog Devices

Back Button LT8551 Datasheet HTML 21Page - Analog Devices LT8551 Datasheet HTML 22Page - Analog Devices LT8551 Datasheet HTML 23Page - Analog Devices LT8551 Datasheet HTML 24Page - Analog Devices LT8551 Datasheet HTML 25Page - Analog Devices LT8551 Datasheet HTML 26Page - Analog Devices LT8551 Datasheet HTML 27Page - Analog Devices LT8551 Datasheet HTML 28Page - Analog Devices LT8551 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LT8551
25
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Therefore, R2 may be used to scale the voltage across the
sense terminals when the DCR is greater than the target
sense resistance. With the ability to program the current
limit through ILIM pin, R2 may be optional. C is usually
selected in the range of 0.01μF to 0.47μF. This forces
R1||R2 to be around kΩ range.
For DCR current sensing, the sense lines should also
run close together to a Kelvin connection underneath the
inductor as shown in Figure 17. To prevent noise from
coupling into the sensitive small-signal nodes, resistor
R1 should be placed close to the inductor, while R2 and
C are placed close to the LT8551 as shown in Figure 16b.
Figure 17.
TO SENSE FILTER
NEXT TO ISPx/ISNx
INDUCTOR OR RSENSE
VOUT
VIN
8551 F17
Sense Lines Placement for DCR Sensing
or Resistor Sensing
Thermal Shutdown
If the die junction temperature reaches approximately
165°C, the LT8551 will go into thermal shutdown. All the
power switches will be turned off. For a master LT8551,
the ENOUT pin will be pulled down to ground so that it
will shut down all the switching activity of the system. The
LT8551 will be re-enabled when the die temperature has
dropped by about 5°C (nominal).
Efficiency Considerations
The percent efficiency of LT8551 is equal to the output
power divided by the input power times 100%. It is often
useful to analyze individual losses to determine what is
limiting the efficiency and which change would lead to
the most improvement. Percentage efficiency can be
expressed as:
% Efficiency = 100% – (L1 + L2 + L3 + …)
Where L1, L2, etc. are the individual losses as a percent-
age of input power. Although all dissipative elements in
the circuit produce power losses, several sources usually
account for most of the losses in LT8551 circuits:
1. I2R losses. I2R losses arise from the DC resistance of
the MOSFETs, inductor and current sense resistor. It
is the majority of power losses at high input/output
current. In continuous mode, the average input cur-
rent flows through the inductor and RSENSE, but is
chopped between the top and bottom MOSFETs. If the
two MOSFETs have approximately the same RDS(ON),
then the resistance of one MOSFET can simply be
summed with the inductor’s DCR, RSENSE and the
board traces to obtain I2R losses.
2. Transition loss. This loss mostly arises from the brief
amount of the time the bottom MOSFET spends in the
saturation (Miller) region during the switching node
transitions. It depends on the output voltage, load
current, driver strength and MOSFET capacitance. The
transition can be significant at high output voltages
and low input voltage or high switching frequency.
3. REG current. This is the sum of MOSFETs driver
and REG control currents. The MOSFET driver cur-
rent results from switching the gate capacitance
of the power MOSFETs. Each time a MOSFET gate
is switched from low to high then to low again, a
packet of charge dQ moves from REG to ground. The
resulting dQ/dt is a current out of REG that is typically
much larger than control circuit current. In continu-
ous mode, IGATECHG = f • [QT + QB], where QT and QB
are the gate charges of the top and bottom MOSFETs.
As mentioned in the REG LDO and VCC Power Section,
powering up the REG LDO with lower power supply
will not only improve efficiency, especially for high
input voltage application, but also alleviate the ther-
mal stress for the LDO’s P-channel MOSFET.
4. Body diode conduction loss. During the dead time,
the loss in the top/bottom MOSFET is IL • VF, where
VF is around 0.7V. At higher switching frequency, the
dead time becomes a good percentage of switching
cycle and causes the efficiency to drop.
Other hidden losses, such as copper trace and internal bat-
tery resistances, can account for an additional efficiency
degradation in portable systems. It is very important to
include these system-level losses during the design phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com