Electronic Components Datasheet Search
  English  ▼

X  

LT8551 Datasheet(PDF) 14 Page - Analog Devices

Part # LT8551
Description  Multiphase Boost Converter Expander
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8551 Datasheet(HTML) 14 Page - Analog Devices

Back Button LT8551 Datasheet HTML 10Page - Analog Devices LT8551 Datasheet HTML 11Page - Analog Devices LT8551 Datasheet HTML 12Page - Analog Devices LT8551 Datasheet HTML 13Page - Analog Devices LT8551 Datasheet HTML 14Page - Analog Devices LT8551 Datasheet HTML 15Page - Analog Devices LT8551 Datasheet HTML 16Page - Analog Devices LT8551 Datasheet HTML 17Page - Analog Devices LT8551 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LT8551
14
Rev 0
For more information www.analog.com
OPERATION
and the slaves (in Figure 1). Under normal operation, the
CLK2 frequency is at the CLK1 frequency times the total
distinct phase number (TDPN), as shown in Figure 2. The
number shown above the CLK2 pulses in Figure 2 is called
the phase angle number (PAN).
Figure 1.
REG
REG
• • •
8551 F01
MASTER
LT8551
SYNC
CLK1
CLK2
RT/MS
PRIMARY
CONTROLLER
SYNC
SLAVE
LT8551
SYNC
CLK1
CLK2
RT/MS
SLAVE
LT8551
SYNC
CLK1
CLK2
RT/MS
Clock Configuration in a Multiple LT8551 System
The total distinct phase number is programmed through
the master LT8551’s PHS1, PHS2 and PHS3 pins, accord-
ing to Table 1. There is a delay locked loop in the chip
which can force the primary controller’s BG (Bottom Gate)
rising edge to align with the pulse whose phase angle
number equals the TDPN (in Figure 2).
Each expanded channel chooses one pulse from CLK2 in
one CLK1 clock cycle. The rising edge of this chosen pulse
aligns with the corresponding channel’s bottom gate turn
on edge with a very short delay. The master LT8551’s
channel 1 to channel 4 always choose the pulses whose
phase angle number equals 1 to 4, respectively. Four chan-
nels of a slave LT8551 choose pulses with four consecu-
tive phase angles. The phase angle number of the slave
LT8551’s channel 1 pulse is also programmed through
PHS1, PHS2 and PHS3 pins, according to Table 1, and
the pulses of the slave LT8551’s channel 2, channel 3
and channel 4 have the next three phase angle number in
succession. LT8551.
Table 2 shows the PHS1, PHS2 and PHS3 connections
for a two LT8551 system with a total of 9 phases, includ-
ing the primary controller’s phase, as an example. The
primary controller uses the CLK1 signal. The clocks used
by the eight expanded channels are shown in Figure 3.
When the primary controller skips one or more pulses,
the expanded channels also skip the same number of
pulse(s). This function is realized by CLK2. As shown in
Figure 4, when the primary controller skips one BG pulse,
the CLK2 also skips a group of pulses with phase number
from 1 to TDPN.
Table 1. Table for Programming Total Distinct Phase Number
(TDPN) and Phase Angle Number (PAN)
PHS3
PHS2
PHS1
TDPN For
Master
PAN of Slave
Channel 1 Pulse
GND
GND
GND
NA
1
GND
GND
REG
2
2
GND
GND
Floating
3
3
GND
REG
GND
4
4
GND
REG
REG
5
5
GND
REG
Floating
6
6
GND
Floating
GND
7
7
GND
Floating
REG
8
8
GND
Floating
Floating
9
9
REG
GND
GND
10
10
REG
GND
REG
11
11
REG
GND
Floating
12
12
REG
REG
GND
13
13
REG
REG
REG
14
14
REG
REG
Floating
15
15
REG
Floating
GND
16
16
REG
Floating
REG
17
17
REG
Floating
Floating
18
18
Table 2. Design Example for a 9-Phase Application
PHS3
PHS2
PHS1
PAN for Channel 1,
2, 3 and 4
Master LT8551
GND
Floating
Floating
1, 2, 3, 4
Slave LT8551
GND
REG
REG
5, 6, 7, 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com